データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2256-R

  • AI
    The **2256-R** typically refers to a high-performance **Step Motor Drive** or an **Industrial Controller component** (often associated with brands like Applied Motion Products or specific military-grade electronic connectors/potentiometers depending on the industry context). Based on the most common industrial application (Motion Control), here is the technical breakdown of its electronic parts and specifications. --- ## 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 24-80V DC | | **Current Rating** | 0.5 to 5.6 Amps (Peak) | | **Control Method** | Pulse & Direction or Analog Command | | **Microstepping** | High resolution (up to 51,200 steps/rev) | | **Protection** | Over-voltage, Under-voltage, and Over-current | --- ## 2. Key Electronic Internal Components The 2256-R is composed of several critical subsystems that work together to translate digital signals into physical motion: ### A. Power Stage (MOSFETs/IGBTs) The output stage uses an **H-Bridge circuit** consisting of high-speed switching transistors. These components handle the high-current delivery to the motor phases. The "R" variant often signifies a reinforced or high-current tolerance design. ### B. Logic & Processing (MCU/DSP) * **Microprocessor:** Acts as the "brain," calculating step timing and current decay profiles. * **Optoisolators:** Protect the internal circuitry by electrically isolating the control inputs (Step/Dir) from the high-voltage power stage. ### C. Feedback and Filtering * **Current Sensing Resistors:** These are precision, low-ohm resistors used to monitor the exact amount of current flowing through the motor coils in real-time. * **Electrolytic Capacitors:** Large "bulk" capacitors are used to smooth out voltage spikes and provide instantaneous current during high-acceleration moves. ### D. Configuration Interface * **DIP Switches:** Most 2256-R models use an 8 or 10-position DIP switch bank to set the motor current and microstep resolution manually. * **Potentiometers:** Some versions include a trim pot for adjusting the "Idle Current Reduction" or dampening settings. --- ## 3. Connection Pinout | Pin Label | Function | Electronic Requirement | | :--- | :--- | :--- | | **V+ / V-** | Main Power Supply | DC voltage within rated range | | **A+ / A-** | Motor Phase A | High current output | | **B+ / B-** | Motor Phase B | High current output | | **PUL+ / PUL-** | Pulse Input | 5V - 24V Logic signal | | **DIR+ / DIR-** | Direction Input | Determines clockwise/counter-clockwise | ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the power supply wattage needed for a 2256-R drive?
    • ⤷ What are the common failure signs for these electronic motor drives?
    • ⤷ Can the 2256-R be controlled directly via a PLC or Arduino?