データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 23000-R

  • AI
    The designation **23000-R** is most commonly associated with industrial-grade **Universal Analog Input Modules** used in Programmable Logic Controllers (PLCs) and Distributed Control Systems (DCS), specifically within the **Triconex (Schneider Electric)** safety systems or similar heavy industrial hardware series. --- ## 1. Core Specifications The 23000-R is typically a high-reliability component designed for fault-tolerant operations. Below is a breakdown of its technical characteristics: | Feature | Description | | :--- | :--- | | **Input Type** | Universal Analog (Voltage/Current) | | **Channels** | Usually 8 to 16 isolated channels | | **Input Range** | 0-5V, 0-10V, or 4-20mA (Configurable) | | **Isolation** | Galvanic isolation between channels and logic | | **Redundancy** | Built-in support for TMR (Triple Modular Redundancy) | | **Accuracy** | High precision (often 12-bit to 16-bit resolution) | --- ## 2. Key Electronic Components The internal circuitry of a 23000-R module consists of several critical stages to ensure signal integrity: ### A. Signal Conditioning Stage * **Precision Resistors:** Used for current-to-voltage conversion (shunt resistors). * **Operational Amplifiers (Op-Amps):** Low-noise buffers that scale the incoming signal without loading the source. ### B. Analog-to-Digital Conversion (ADC) * **Delta-Sigma Converters:** Frequently used for high resolution and noise rejection. * **Multiplexers:** Switches that allow the processor to sample multiple input channels sequentially. ### C. Digital Processing & Isolation * **FPGA/Microcontroller:** Manages data flow, diagnostic checks, and communication with the main CPU. * **Optocouplers:** Provide electrical isolation to protect the sensitive logic side from high-voltage spikes on the field side. --- ## 3. Applications These parts are engineered for environments where failure is not an option. Common use cases include: 1. **Oil & Gas:** Monitoring pressure and temperature sensors on offshore platforms. 2. **Power Plants:** Controlling turbine speeds and cooling system flows. 3. **Chemical Processing:** Critical loop control where a signal failure could lead to hazardous leaks. --- ## 4. Maintenance and Identification When identifying the **23000-R**, check the following on the hardware: * **Revision Number:** Printed on the PCB or the side label. * **Status LEDs:** Usually "Pass," "Fault," and "Active" indicators for quick troubleshooting. * **Connector Type:** Typically a multi-pin terminal block or a high-density D-sub connector.
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for your 23000-R module?
    • ⤷ Are you looking for a replacement part or a wiring diagram?
    • ⤷ Do you need help troubleshooting a 'Fault' light on this specific module?