データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2324-R

  • AI
    The **2324-R** typically refers to a high-quality, precision **Wirewound Potentiometer** or a specific series of **Inductors/Chokes**, depending on the manufacturer. Most commonly, in the context of precision electronics, it refers to the **Bourns 2300 series** or specialized electronic components used for power management and signal tuning. --- ### 1. Common Specifications (Based on 2300-Series Inductors) If the 2324-R refers to a high-current toroidal inductor (common in industrial electronics), the specifications generally align as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | Toroidal Inductor / Filter Choke | | **Inductance** | 220 µH (standard for 2324 suffix) | | **Current Rating** | High (Typically 2.0A to 10A depending on size) | | **Tolerance** | ±15% | | **Mounting Type** | Through-Hole (Vertical or Horizontal) | | **Operating Temp** | -55°C to +105°C | --- ### 2. Physical Characteristics Electronic parts labeled with "R" often denote **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free. * **Core Material:** Usually powdered iron or ferrite to minimize core losses. * **Winding:** Copper wire with high-temperature insulation. * **Form Factor:** Circular (Toroid) which helps in EMI (Electromagnetic Interference) shielding by keeping the magnetic flux contained within the ring. --- ### 3. Applications Parts like the 2324-R are integrated into circuits for the following purposes: 1. **EMI/RFI Filtering:** Suppressing noise in power supplies. 2. **Energy Storage:** Used in DC-DC converters (Buck or Boost converters). 3. **Signal Smoothing:** Removing ripples from rectified alternating currents to provide clean DC power. 4. **Voltage Regulation:** Maintaining stable outputs in telecommunications and industrial equipment. --- ### 4. Technical Identification Code The numbering convention "2324-R" can be broken down: * **23:** Series identifier (e.g., Bourns 2300 series). * **24:** Specific value code (referring to the number of turns or base inductance). * **-R:** RoHS Compliant / Lead-free. --- ### 5. Example Circuit Representation ```spice * Example of 2324-R in a Low Pass Filter V1 IN 0 AC 1 L1 IN OUT 220uH ; The 2324-R Inductor C1 OUT 0 10uF R1 OUT 0 50 .AC DEC 10 1 100k ```
    ✨ Follow-up Questions
    • ⤷ Is the 2324-R you are referring to a Bourns inductor or a different brand?
    • ⤷ What are the specific voltage and current requirements for your circuit?
    • ⤷ Do you need the pinout diagram for the through-hole mounting?