データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 233..

  • AI
    It appears you are referring to the **233** series of electronic components. In the world of electronics, "233" can refer to several different things depending on the context: a specific Integrated Circuit (IC), a surface-mount device (SMD) resistor code, or a capacitor marking. Below is a breakdown of the most common electronic parts associated with the number **233**. --- ### 1. The MAX233 Integrated Circuit The most famous "233" component is the **MAX233**. This is an interface IC used for RS-232 serial communication. | Feature | Description | | :--- | :--- | | **Function** | Dual RS-232 Driver/Receiver | | **Key Advantage** | No external capacitors required (internal charge pump) | | **Common Use** | Connecting microcontrollers (TTL) to PC serial ports (RS-232) | | **Voltage** | Operates on a single +5V supply | --- ### 2. Resistor Marking (SMD Code 233) On Surface Mount Device (SMD) resistors, the code **233** follows a specific mathematical formula to indicate its resistance value. * **First two digits (23):** Significant figures. * **Third digit (3):** The multiplier (10 to the power of 3, or 1,000). **Calculation:** `23 x 10^3 = 23,000 Ohms` **Result:** The part is a **23kΩ (23 Kilohm)** resistor. --- ### 3. Capacitor Marking (Code 233) Similar to resistors, ceramic disc or film capacitors use the "233" code to denote capacitance in Picofarads (pF). | Step | Value | | :--- | :--- | | **Base Value** | 23 | | **Multiplier** | 000 (3 zeros) | | **Total in pF** | 23,000 pF | | **Conversion to nF** | **23 nF** | | **Conversion to µF** | **0.023 µF** | --- ### 4. Transistors (2SC233 / 2SA233) In older Japanese naming conventions (JIS), you may find transistors with these numbers: * **2SC233:** Typically an NPN transistor used for high-frequency amplification or switching. * **2SA233:** The PNP complement, though these are largely obsolete and replaced by modern equivalents like the BC series or 2N series. --- ### Summary Comparison Table | Part Category | Interpretation of "233" | Typical Application | | :--- | :--- | :--- | | **IC (MAX233)** | Model Number | Serial Data Communication | | **Resistor** | 23,000 Ohms | Current limiting / Voltage division | | **Capacitor** | 23 Nanofarads | Filtering / Decoupling |
    ✨ Follow-up Questions
    • ⤷How do I wire a MAX233 to an Arduino?
    • ⤷ What is the tolerance of a 233 SMD resistor?
    • ⤷ Can I use a 223 capacitor instead of a 233?