データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 241-R

  • AI
    The **241-R** is a specific designation typically associated with high-power **solid-state relays (SSRs)** or specific **RF connectors** (such as the PL-259 variant). However, in the context of general electronic components, it most frequently refers to the **Magnesys/Magnecraft (now SE Relays/Schneider Electric) 241 Series Power Transformers**. Below is a detailed breakdown of the electronic specifications and characteristics for the **241-R Series Transformers**. --- ## 1. Component Overview: 241-R Series The 241-R series consists of small, chassis-mount power transformers designed for use in linear power supplies and control circuits. They are known for their "Split-Bobbin" design, which provides high isolation between the input and output. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Input (Primary)** | Single 115V (Standard) or Dual 115/230V | | **Output (Secondary)** | Ranging from 10V to 120V Center Tapped (CT) | | **Power Rating** | 2.4 VA to over 100 VA (depending on specific model) | | **Dielectric Strength** | 2500 Vrms (Hi-pot) | | **Insulation Class** | Class B (130°C) | | **Mounting Type** | Chassis Mount (with lead wires) | --- ## 2. Key Internal Design Features The "R" suffix often denotes specific lead configurations or RoHS compliance in modern manufacturing. ### Split Bobbin Construction * **Safety:** The primary and secondary coils are wound on separate sections of the bobbin. * **Capacitance:** This physical separation reduces "stray capacitance," which minimizes the amount of high-frequency noise that can pass from the AC wall outlet into your DC circuit. * **Elimination of Shielding:** Because of the split design, an electrostatic shield is generally not required for safety certifications. --- ## 3. Circuit Integration When using a 241-R transformer in a design, the following wiring logic is standard: ### Wiring Diagram Example (115V Input) ```text [AC HOT] ----(Primary Lead 1)--- [ Transformer ] ---(Secondary Lead 1)--- [Rectifier] [AC NEUT] ----(Primary Lead 2)--- [ 241 ] ---(Secondary Lead 2)--- [Rectifier] [ Core ] ---(Center Tap/GND) ---- [Ground] ``` ### Rectification Table To convert the AC output of a 241-R into DC, use the following components: | Output Type | Component Needed | Resulting DC | | :--- | :--- | :--- | | Full Wave | 2 Diodes (using Center Tap) | $V_{AC} \times 0.707$ | | Bridge | 4 Diodes (Bridge Rectifier) | $V_{AC} \times 1.414$ | --- ## 4. Common Applications 1. **Industrial Controls:** Providing 24V or 12V power to relays and contactors. 2. **Audio Equipment:** Low-noise power supplies for pre-amps (due to the low stray capacitance). 3. **Test Equipment:** Isolated power for benchtop measurement tools. ---
    ✨ Follow-up Questions
    • ⤷ How do I determine the VA rating for a specific 241-R model code?
    • ⤷ What is the difference between the 241 and the F-series transformers?
    • ⤷ How does the split-bobbin design improve electrical safety?