データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 24CB-R

  • AI
    The **24CB-R** typically refers to a high-performance **Carbon Brush** assembly or a specific series of **Brushless DC (BLDC) motor components**, often utilized in industrial machinery, power tools, or automotive applications. Below is a technical breakdown of the electronic and mechanical characteristics associated with this part. --- ### 1. Technical Specifications While specifications can vary slightly by manufacturer (such as Helwig Carbon or generic industrial suppliers), the following table represents the standard electronic profile for 24CB-R parts: | Feature | Specification (Typical) | Function | | :--- | :--- | :--- | | **Material Composition** | Silver Graphite or Electrographite | Ensures low electrical resistance and high durability. | | **Voltage Rating** | 12V - 24V DC | Optimized for low-voltage, high-current systems. | | **Current Density** | 10 - 15 Amps/cm² | High conductivity to prevent overheating during operation. | | **Friction Coefficient** | 0.1 - 0.25 | Minimizes mechanical wear on the commutator. | | **Contact Resistance** | Very Low (< 0.05 ohms) | Reduces voltage drop across the motor interface. | --- ### 2. Core Electronic Components The 24CB-R assembly is more than just a block of carbon; it consists of several integrated electronic parts: * **Carbon Body:** The primary conductor that transfers current from the static wires to the rotating commutator. * **Shunt (Pigtail Wire):** A high-flexibility copper wire embedded into the carbon. It carries the electrical load to the brush. * **Terminal/Connector:** Usually a spade or ring terminal that allows for a "Plug and Play" connection to the motor's PCB or power source. * **Damping Spring:** While mechanical, it maintains a constant "Electronic Pressure," ensuring that the electrical arc is minimized by keeping consistent contact. --- ### 3. Applications and Use Cases The "R" suffix often denotes **Radio Frequency (RF) Suppression** or **Ruggedized** design, making it suitable for specific environments: 1. **Industrial Robotics:** Used in servo motors where precise electrical pulses are required without signal noise. 2. **Automotive Starters:** Handles high-amperage bursts required to turn over internal combustion engines. 3. **Medical Equipment:** The high-grade graphite reduces "dusting," which is critical for maintaining clean electronic environments. --- ### 4. Maintenance and Signal Integrity To ensure the electronic integrity of a 24CB-R part, consider the following: ```markdown - Check for "Arcing": Excessive sparking indicates worn brushes or a dirty commutator. - Voltage Drop Test: Measure the voltage before and after the brush to ensure resistance hasn't increased. - Spring Tension: Weak springs lead to "Electrical Noise" which can interfere with nearby sensors. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 24CB-R and standard graphite brushes?
    • ⤷ How do I test the electrical resistance of a 24CB-R assembly?
    • ⤷ Can the 24CB-R be used in AC motor applications?