AI

## Overview of the 24LC256 EEPROM
The **24LC256** is a popular 256-kilobit (32K x 8) Serial Electrically Erasable PROM (EEPROM). It is designed for low-power applications and uses the **I2C (Inter-Integrated Circuit)** serial interface.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Storage Capacity** | 256 Kbits (32,768 Bytes) |
| **Interface** | I2C (Two-Wire Serial) |
| **Voltage Range** | 2.5V to 5.5V (Standard) |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Page Size** | 64-Byte Page Write buffer |
| **Endurance** | 1,000,000 Erase/Write cycles |
| **Data Retention** | > 200 Years |
---
### 2. Pin Configuration (8-Pin Layout)
In the standard DIP or SOIC packages, the pins are assigned as follows:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1, 2, 3 | **A0, A1, A2** | Address Inputs: Used to set the hardware address (Up to 8 devices on one bus). |
| 4 | **Vss** | Ground (0V). |
| 5 | **SDA** | Serial Data: Bidirectional pin for data transfer. |
| 6 | **SCL** | Serial Clock: Used to synchronize data transfer. |
| 7 | **WP** | Write Protect: If tied to Vcc, write operations are inhibited. |
| 8 | **Vcc** | Power Supply (+2.5V to 5.5V). |
---
### 3. Core Operational Features
#### I2C Addressing
The 24LC256 has a 7-bit control byte. The first four bits are fixed (`1010`), and the next three bits are determined by the logic levels of the **A0, A1, and A2 pins**. This allows you to connect up to eight 24LC256 chips to the same microcontroller using only two wires.
#### Write Protection
The **WP (Write Protect)** pin provides hardware data security.
* **Connected to Ground:** Normal Read/Write operations.
* **Connected to Vcc:** The entire memory becomes Read-Only, preventing accidental data corruption.
#### Page Write Buffer
The device features a **64-byte page write** capability. This means you can write up to 64 bytes of data in a single write cycle, which is significantly faster than writing each byte individually, as the internal "self-timed" write cycle takes about 5ms.
---
### 4. Application Example (Arduino Connection)
To connect the 24LC256 to a microcontroller, you typically need **pull-up resistors** (usually 4.7kΩ or 10kΩ) on the SDA and SCL lines.
```cpp
#include
#define EEPROM_I2C_ADDRESS 0x50 // Default address if A0, A1, A2 are grounded
void writeEEPROM(int address, byte data) {
Wire.beginTransmission(EEPROM_I2C_ADDRESS);
Wire.write((int)(address >> 8)); // MSB (High byte of address)
Wire.write((int)(address & 0xFF)); // LSB (Low byte of address)
Wire.write(data);
Wire.endTransmission();
delay(5); // Wait for the write cycle to complete
}
```
- ⤷
How do you calculate the I2C address if A0 and A1 are pulled high?
- ⤷ What is the difference between the 24LC256 and the 24C256?
- ⤷ How do I implement page writing to speed up data storage?