データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 256-R

  • AI
    The term **256-R** in electronics typically refers to two distinct components depending on the context: a **Digital Potentiometer (DigiPot)** with 256 resolution steps or a specific high-precision **Resistor Network**. --- ### 1. Digital Potentiometers (256-Step) In the context of integrated circuits (ICs), "256" usually denotes the **resolution** (8-bit). A 256-position digital potentiometer allows for 256 discrete resistance levels between the terminals. #### Key Technical Specifications | Feature | Description | | :--- | :--- | | **Resolution** | 8-bit (256 discrete wiper positions) | | **Interface** | Usually I2C, SPI, or Up/Down (Increment) | | **Memory** | Volatile (resets on power-off) or Non-Volatile (EEPROM) | | **Resistance Range** | Commonly 5kΩ, 10kΩ, 50kΩ, or 100kΩ | #### How it Works A 256-R digital pot consists of a "resistor ladder"—a string of 255 small resistors connected in series. Electronic switches (CMOS) connect the "wiper" terminal to any point along the string based on an 8-bit digital value (0–255) sent by a microcontroller. --- ### 2. Physical Resistor Networks (R-2R Ladder) In analog-to-digital or digital-to-analog conversion, a "256-R" configuration often refers to the scaling of an **R-2R Ladder network**. * **R Value:** The base resistance. * **2R Value:** Exactly double the base resistance. * **Precision:** These parts are critical for DACs (Digital-to-Analog Converters) where 8 bits of input require a specific ratio to ensure the output voltage is linear across 256 steps. --- ### 3. Common Component Examples If you are looking for a specific part number, these are the most common "256-step" electronic parts: | Part Number | Type | Manufacturer | | :--- | :--- | :--- | | **AD5241** | Digital Potentiometer (256 positions) | Analog Devices | | **MCP41010** | Digital Potentiometer (256 positions) | Microchip | | **DS1803** | Dual Addressable Digital Pot | Maxim Integrated | --- ### Comparison: Mechanical vs. Electronic (256-R) | Feature | Mechanical Potentiometer | 256-R Digital Pot | | :--- | :--- | :--- | | **Control** | Manual (Turning a knob) | Digital (Microcontroller/Code) | | **Durability** | Wear and tear on contacts | High (No moving parts) | | **Precision** | High (Infinite resolution) | Limited to 256 discrete steps | | **Size** | Large | Very small (SMD packages) | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between volatile and non-volatile digital potentiometers?
    • ⤷ How do you calculate the output voltage of a 256-step R-2R ladder?
    • ⤷ Can a 256-position digital pot be used in high-voltage AC circuits?