データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 25HC20-R

  • AI
    Based on the technical nomenclature, the **25HC20-R** typically refers to a high-density, high-speed **Serial Peripheral Interface (SPI) EEPROM** (Electrically Erasable Programmable Read-Only Memory). These components are used for non-volatile data storage in embedded systems, such as storing configuration settings, calibration data, or small firmware modules. --- ### 1. Key Technical Specifications The "25" series prefix indicates an SPI protocol interface, while the "HC" often denotes High Capacity or High Clock speed variants. | Parameter | Typical Value / Description | | :--- | :--- | | **Memory Size** | 20 Kbits (Note: Density can vary by manufacturer code) | | **Interface** | SPI (Serial Peripheral Interface) - Modes 0 & 3 | | **Operating Voltage** | Usually 1.8V to 5.5V (Wide Range) | | **Max Clock Frequency** | Up to 10 MHz - 20 MHz | | **Package Type** | SOIC-8, TSSOP-8, or SOT-23 | | **Temperature Range** | Industrial (-40°C to +85°C) | --- ### 2. Pin Configuration (Standard 8-Pin Layout) Most SPI EEPROMs in this family follow a standardized pinout to ensure interchangeability between brands like Microchip, STMicroelectronics, and ON Semi. | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | **CS#** | Chip Select (Active Low) | | 2 | **SO** | Serial Data Output | | 3 | **WP#** | Write Protect (Hardware protection) | | 4 | **VSS** | Ground | | 5 | **SI** | Serial Data Input | | 6 | **SCK** | Serial Clock Input | | 7 | **HOLD#** | Pauses serial communication | | 8 | **VCC** | Supply Voltage | --- ### 3. Core Features * **Write Protection:** Includes both hardware (WP pin) and software (Block Protect bits) to prevent accidental data erasure. * **Endurance:** High reliability, typically rated for **1,000,000 write cycles** per byte. * **Data Retention:** Designed to hold data without power for over **40 to 100 years**. * **Self-Timed Write Cycle:** The chip handles the internal erasing and programming timing automatically once a write command is sent. * **Low Power Consumption:** Features a "Deep Sleep" or Standby mode to conserve battery in portable devices. --- ### 4. Common Applications 1. **Consumer Electronics:** Storing user preferences in smart home devices. 2. **Industrial:** Storing calibration constants and sensor offset values. 3. **Automotive:** Event logging and odometer data storage. 4. **Computing:** Storing BIOS/UEFI settings or Ethernet MAC addresses.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between SPI and I2C EEPROMs?
    • ⤷ How do I implement the Write Protect (WP) feature in my circuit?
    • ⤷ Can this chip be used for high-frequency data logging?