データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2605-R

  • AI
    The **2605-R** typically refers to a high-performance **Fiber Optic Receiver** module (often associated with brands like Finisar or L-3 Communications) or a specific series of power inductors/resistors depending on the manufacturer. In the context of telecommunications and RF engineering, it is most commonly a **70 MHz / 140 MHz Fiber Optic Receiver**. Below is the breakdown of its electronic components and specifications. --- ### 1. Key Technical Specifications If the 2605-R is categorized as a fiber optic component, it usually features the following parameters: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Input Wavelength** | 1310 or 1550 | nm | | **Bandwidth** | 10 - 200 (Standard) | MHz | | **Impedance** | 50 or 75 | Ohms | | **Supply Voltage** | +12 to +15 | VDC | | **Connector Type** | FC/APC or SC/APC | - | --- ### 2. Core Electronic Components The internal circuitry of a 2605-R receiver consists of four primary stages: #### A. Photodiode (Optical-to-Electrical) The "heart" of the device. It is usually a **PIN Photodiode** or an **APD (Avalanche Photodiode)** that converts incoming light signals into a proportional electrical current. #### B. Transimpedance Amplifier (TIA) Because the current from the photodiode is very small, a TIA is used to convert that current into a usable voltage while maintaining a low noise floor. #### C. Gain Control / RF Amplifier This stage boosts the signal to a level suitable for coaxial transmission. It often includes: * **Variable Attenuators:** To prevent signal clipping. * **Gain Blocks:** To ensure flat frequency response across the bandwidth. #### D. Power Conditioning Internal voltage regulators and decoupling capacitors ensure that ripples from the external power supply do not introduce "hum" or jitter into the RF output. --- ### 3. Physical Interface | Part | Description | | :--- | :--- | | **Optical Port** | Receives the fiber cable (Single Mode). | | **RF Output (BNC/SMA)** | Outputs the converted electrical signal to a modem or distribution system. | | **Status LEDs** | Usually indicate "Power On" and "Optical Input Detected." | | **Monitor Point** | A DC voltage output used to measure the received optical power (RSSI). | --- ### 4. Application Use Cases * **Satellite Ground Stations:** Converting L-Band or IF signals from fiber back to copper. * **CATV Networks:** Distributing television signals over long distances via fiber. * **RF over Fiber (RFoF):** Transporting radio signals in environments with high electromagnetic interference (EMI).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a PIN photodiode and an APD in this receiver?
    • ⤷ How do I calculate the link budget for a 2605-R setup?
    • ⤷ Does this model support 1310nm and 1550nm wavelengths simultaneously?