データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2661-R

  • AI
    The **2661-R** typically refers to a specific electronic component identifier, most commonly associated with a **Precision Power Resistor** or a **Terminal/Connector** specification depending on the manufacturer (such as TE Connectivity or Vishay). Below is a technical breakdown of the electronic characteristics and specifications generally associated with this part series. --- ## 1. Component Overview The 2661-R is often categorized as a high-performance resistor or a specific contact terminal. In the context of passive components, it features a rugged design for industrial applications. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Resistor / Precision Terminal | | **Material** | Metal Film or Nickel-Plated Copper | | **Mounting Type** | Through-hole or Stud Mount | | **Standard Tolerance** | ±0.1% to ±5% | | **Operating Temp** | -55°C to +155°C | --- ## 2. Technical Specifications If the "2661-R" refers to a power resistor series, these are the primary electronic parameters: ### A. Resistance Range * **Values:** Often ranges from $0.1 \Omega$ to $1 M\Omega$. * **Power Rating:** Usually designed for high-wattage dissipation (5W to 50W depending on the package size). ### B. Thermal Characteristics * **TCR (Temperature Coefficient of Resistance):** Low TCR (approx. 20-50 ppm/°C) to ensure stability under heat loads. * **Heat Dissipation:** Often requires a heat sink or utilizes a ceramic core for thermal management. ### C. Construction 1. **Core:** High-grade Alumina ceramic. 2. **Element:** Precision wire or metal film. 3. **Coating:** Flameproof silicone or epoxy resin. --- ## 3. Common Applications Parts labeled under this series are frequently used in the following circuits: * **Current Sensing:** Low-resistance versions are used to monitor current flow in power supplies. * **Voltage Division:** Precision versions are used in measurement equipment. * **Automotive Electronics:** Used in heavy-duty vehicle controllers due to vibration resistance. * **Industrial Automation:** Found in PLC (Programmable Logic Controller) input modules. --- ## 4. Identification Code If you are looking at a specific marking on the part: * **2661:** The base series or model number. * **-R:** Usually denotes "RoHS Compliant" (Restriction of Hazardous Substances) or "Reel" packaging.
    ✨ Follow-up Questions
    • ⤷ Is the 2661-R you are referring to a resistor
    • ⤷ a connector
    • ⤷ or a different component type?
    • ⤷ What is the specific manufacturer name printed on the component?
    • ⤷ What is the circuit application where this part is being used?