データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2822HC100-RTR

  • AI
    The **2822HC100-RTR** is a specific electronic component typically categorized as a **High-Current Power Inductor**. These parts are designed for high-density power applications where efficiency and thermal management are critical. Below is a breakdown of its technical specifications, construction, and applications. --- ## 1. Technical Specifications While exact parameters can vary slightly by manufacturer (often associated with brands like Eaton/Bussmann), the "2822" series generally follows these specifications: | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | 1.0 µH (indicated by the "100" code) | | **Max Current (Isat)** | High Current (typically 20A - 50A range depending on size) | | **DC Resistance (DCR)** | Ultra-low (usually < 2.0 mΩ) | | **Package Size** | 2822 (approx. 7.0 x 7.0 mm footprint) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Packaging** | Tape & Reel (indicated by "RTR" or "R") | --- ## 2. Component Breakdown The part number can be decoded as follows: * **2822**: Represents the physical dimensions of the inductor (roughly 7.2mm x 7.2mm). * **HC**: Stands for **High Current**. These are optimized for low core losses. * **100**: The Inductance code. `10` followed by `0` zeros = **1.0 µH**. * **RTR**: Indicates **Tape and Reel** packaging for automated assembly lines. --- ## 3. Key Features * **Magnetically Shielded:** The component is usually enclosed in a ferrite or metal composite powder to minimize Electromagnetic Interference (EMI). * **High Efficiency:** Due to the very low DCR (Direct Current Resistance), it minimizes power loss as heat. * **Soft Saturation:** Designed to handle peak current spikes without a sudden drop in inductance. * **Thermal Stability:** Rated for industrial temperature ranges, often up to 125°C or higher. --- ## 4. Typical Applications These inductors are commonly used in the "Power Stage" of electronic circuits: 1. **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) converters. 2. **Voltage Regulator Modules (VRM):** Found on motherboards and server cards to power CPUs and GPUs. 3. **Battery Powered Systems:** Ideal for high-efficiency mobile power management. 4. **Automotive Electronics:** Used in infotainment and ADAS power supplies. --- ## 5. Footprint Example ```text [Top View] _____________ | | | (1R0) | <-- Inductance Marking | | |_____________| [Side View] ___| |___ |_______________| ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the 2822HC series?
    • ⤷ How does DCR affect the efficiency of this inductor?
    • ⤷ What are the common alternatives to the 2822HC100-RTR for high-density boards?