データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2822HC70-RTR

  • AI
    The **2822HC70-RTR** typically refers to a high-current, surface-mount power inductor, often manufactured by companies like **Coiltronics (Eaton)**. These components are designed for high-density power applications where space is limited but current requirements are high. --- ### ## Technical Specifications Below is a breakdown of the typical electronic characteristics of the 2822HC series: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Inductance** | 0.70 µH (approx.) | The "70" in the part number usually indicates the inductance value. | | **Current Rating (Irms)** | 30A - 50A | The continuous current the inductor can handle without overheating. | | **Saturation Current (Isat)** | 50A+ | The point where inductance drops by a specific percentage (usually 20-30%). | | **DCR (DC Resistance)** | < 1.0 mΩ | Low resistance to minimize power loss and heat generation. | | **Mounting Type** | SMD/SMT | Surface Mount Technology for automated PCB assembly. | | **Operating Temp** | -40°C to +125°C | Designed for harsh industrial or computing environments. | --- ### ## Key Features & Construction 1. **HC Design (High Current):** The "HC" stands for High Current. These inductors use flat-wire windings or robust cores to handle massive loads without saturating. 2. **RTR Configuration:** This often refers to the **Tape and Reel** packaging for automated pick-and-place machines, though in some specific series, it can denote a specific lead frame orientation. 3. **Shielded Structure:** Most inductors in this class are magnetically shielded to reduce Electromagnetic Interference (EMI), which is crucial for sensitive nearby circuits. 4. **Material:** Usually composed of a ferrite or powdered iron core to provide stable performance across varying frequencies. --- ### ## Common Applications These parts are found in power management systems that require high efficiency: * **Voltage Regulator Modules (VRMs):** Used in servers and high-end PCs to step down voltage for CPUs. * **DC-DC Converters:** Found in telecommunications equipment and industrial power supplies. * **Distributed Power Systems:** Used to manage power at the point of load (POL). * **Battery Powered Systems:** Where low DCR is essential to preserve battery life. --- ### ## Circuit Symbol & Representation In a schematic, this part is represented as a standard inductor, often with lines above the symbol to indicate a ferrite core. ```spice * Typical SPICE representation for a Power Inductor L1 Net1 Net2 0.70uH R_series Net2 Net3 0.0008 ; 0.8mOhm DCR ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'RTR' suffix in the manufacturer's ordering code?
    • ⤷ How does the saturation current (Isat) of this part affect its performance in a DC-DC converter?
    • ⤷ Are there recommended alternative parts with similar footprints for 2822HC series?