データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 29N-R

  • AI
    The term **29N-R** typically refers to a specific series of **Wire-wound Fixed Resistors**, commonly used in power electronics and industrial circuits. These components are designed to handle significant heat and provide high stability. --- ### 1. Technical Specifications The "29N" series is often associated with high-wattage, silicone-coated or ceramic-encased resistors. Below is a general profile of this electronic part: | Characteristic | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Wire-wound Resistor | | **Coating Material** | Silicone or Vitreous Enamel (Heat Resistant) | | **Power Rating** | Usually 3W to 15W (varies by physical size) | | **Tolerance** | ±1%, ±5%, or ±10% | | **Temperature Coefficient** | Low (±20 to ±50 ppm/°C) | | **Terminal Type** | Radial (R) or Axial Leads | ### 2. Key Features * **Flame Resistance:** The "R" in many manufacturer codes signifies a flame-proof coating or a specific radial lead configuration. * **High Stability:** Because they use resistive wire (like Nichrome) wrapped around a ceramic core, they maintain their resistance value very well over time. * **Surge Handling:** Wire-wound resistors are excellent at handling momentary power surges compared to film resistors. ### 3. Common Applications These parts are found in circuits where power dissipation is a priority: 1. **Power Supplies:** Used as "bleeder resistors" to discharge capacitors. 2. **Motor Controllers:** Used for current sensing or limiters. 3. **Industrial Equipment:** Often found in heavy-duty machinery control boards. 4. **Audio Amplifiers:** Used in the output stage due to their ability to handle high currents. ### 4. Reading the Code If you are looking at a part marked `29N-R`: * **29N:** Usually the Series/Model number indicating the physical size and base wattage. * **R:** Often denotes **Radial leads** (both wires coming out of one side) or **RoHS Compliance** (Lead-free), depending on the specific manufacturer (e.g., Ohmite, Noble, or TE Connectivity). ---
    ✨ Follow-up Questions
    • ⤷How do I identify the resistance value if it is not printed numerically?
    • ⤷ What is the difference between axial and radial leads for this part?
    • ⤷ Can I replace a 29N-R with a metal film resistor?