データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2AP-A13-R/

  • AI
    The part number **2AP-A13-R** refers to a specific electronic component typically manufactured by **American Portwell Technology**. It is primarily a wireless connectivity module or a specific wireless accessory used in industrial computing solutions. Below is a detailed breakdown of its specifications and characteristics. --- ## 1. Component Overview The 2AP-A13-R is an **M.2 Wireless Communication Module**. It is designed to provide high-speed internet and local area network connectivity to embedded systems, industrial PCs (IPCs), and motherboards that feature an M.2 (A/E Key) slot. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Portwell / SparkLAN | | **Interface Type** | M.2 2230 (Key A+E) | | **Wi-Fi Standard** | IEEE 802.11ax (Wi-Fi 6) | | **Bluetooth Version** | Bluetooth 5.2 | | **Chipset** | Often based on Intel or MediaTek chipsets (model dependent) | | **Form Factor** | 22mm x 30mm | | **Operating Temperature** | Commercial Grade (0°C to 70°C) | --- ## 2. Key Features * **Dual-Band Support:** Operates on both 2.4 GHz and 5 GHz frequencies, ensuring compatibility with older routers while utilizing high-speed 5 GHz channels. * **MU-MIMO Technology:** Supports Multiple-Input Multiple-Output, allowing the device to communicate with multiple devices simultaneously without losing speed. * **High Throughput:** Designed for applications requiring high data transfer rates, such as 4K video streaming or industrial data logging. * **Low Power Consumption:** Optimized for embedded systems where power efficiency and heat dissipation are critical. --- ## 3. Pinout and Integration This module uses the **M.2 2230** physical standard. Integration typically requires: 1. **M.2 Slot:** An available A or E key slot on the motherboard. 2. **Antenna Connectors:** Usually features two **MHF4** connectors for external antennas (Main and Aux). 3. **Drivers:** Requires specific OS drivers (Windows 10/11 or Linux kernels 5.x+) to enable Wi-Fi 6 and BT 5.2 functionalities. --- ## 4. Common Applications * **Industrial Automation:** Connecting PLCs and sensors to a local wireless network. * **Digital Signage:** Providing wireless content updates for remote displays. * **Edge Computing:** Enabling cloud connectivity for localized data processing units. * **Kiosks:** Point-of-sale systems requiring secure, high-speed wireless transactions. ---
    ✨ Follow-up Questions
    • ⤷What are the specific power requirements for the 2AP-A13-R module?
    • ⤷ How does the MHF4 antenna connector differ from the standard U.FL connector?
    • ⤷ Which Linux drivers are required for the Wi-Fi 6 functionality of this part?