データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2CTD1-R

  • AI
    The **2CTD1-R** is a specific electronic component, primarily identified as a **high-frequency current transformer** or a **current sensing module**, often utilized in power electronics for monitoring and protection. --- ## 1. Component Overview The 2CTD1-R belongs to the category of magnetic components. It is designed to measure alternating current (AC) by producing a proportional smaller current or voltage, allowing for safe monitoring of high-power circuits. ### Key Specifications | Feature | Description | | :--- | :--- | | **Type** | Current Transformer (CT) | | **Configuration** | Through-hole or PCB mount | | **Turns Ratio** | Typically 1:100 or 1:500 (depending on specific sub-series) | | **Frequency Range** | High Frequency (usually 20kHz to 200kHz+) | | **Termination** | Radial leads or pins | --- ## 2. Core Electronic Parts The 2CTD1-R is composed of several internal elements that work together to achieve electromagnetic induction: * **Toroidal Core:** Made of high-permeability ferrite or nanocrystalline material to minimize energy loss at high frequencies. * **Secondary Winding:** Fine copper wire wrapped around the core multiple times to step down the current. * **Encapsulation:** A plastic housing (often UL94V-0 rated) filled with epoxy resin to provide insulation and moisture resistance. * **Pin Terminals:** Tinned copper leads used for mounting onto a Printed Circuit Board (PCB). --- ## 3. Operating Principle The 2CTD1-R operates based on **Faraday's Law of Induction**: 1. **Primary Current:** The wire carrying the current to be measured passes through the center hole (window) of the transformer. 2. **Magnetic Flux:** The primary current generates a magnetic field in the core. 3. **Secondary Output:** The magnetic field induces a proportional current in the secondary winding. 4. **Burden Resistor:** Typically, a "burden resistor" is placed across the output pins to convert the secondary current into a readable voltage for a microcontroller or ADC. --- ## 4. Typical Applications These parts are commonly found in the following electronic systems: * **Switch Mode Power Supplies (SMPS):** Used for peak current control and overload protection. * **Uninterruptible Power Supplies (UPS):** To monitor battery charging and output loads. * **Motor Controllers:** Measuring phase current to ensure the motor operates within safety limits. * **Digital Power Meters:** Providing accurate current readings for energy consumption monitoring. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 2CTD1-R series?
    • ⤷ How do I calculate the burden resistor value for this specific current transformer?
    • ⤷ What are the common alternatives to the 2CTD1-R for high-frequency sensing?