データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2CW032091JL-R

  • AI
    Based on the part number **2CW032091JL-R**, this component is a **High-Frequency Chip Inductor**, typically used in RF (Radio Frequency) circuits. These parts are designed for surface mount technology (SMT) and are common in wireless communication devices. --- ## Technical Specifications (Typical) While specific internal datasheets are proprietary to manufacturers (often associated with brands like **Mag.Layers** or **Chilisin**), the part number breakdown follows a standard industry logic: | Feature | Description | | :--- | :--- | | **Component Type** | Multilayer Ceramic Chip Inductor (High-Q) | | **Case Size** | 0201 (EIA) / 0603 (Metric) | | **Inductance Value** | 9.1 nH (Nanohenries) | | **Tolerance** | ±5% (indicated by 'J') | | **Termination** | Lead-free / RoHS Compliant | | **Packaging** | Tape & Reel ('-R') | --- ## Component Breakdown ### 1. Inductance & Tolerance * **Value (091):** The "091" signifies the value. In RF inductors, this usually translates to **9.1 nH**. * **Tolerance (J):** Represents a **±5%** deviation from the nominal inductance. * **Multiplier (L):** Often refers to the specific frequency characterization or material grade. ### 2. Physical Construction These parts are "Multilayer" inductors. Instead of a wire coil, they consist of screen-printed conductive layers stacked between ceramic sheets. This allows for: * Extreme miniaturization (0201 size is roughly 0.6mm x 0.3mm). * High **Self-Resonant Frequency (SRF)**, making them stable at Gigahertz (GHz) ranges. ### 3. Application Areas | Application | Purpose | | :--- | :--- | | **Smartphones** | Signal filtering in LTE/5G bands. | | **Wi-Fi Modules** | Impedance matching for antennas. | | **Bluetooth** | Noise suppression in high-speed data lines. | | **VCOs** | Used in Voltage Controlled Oscillators for frequency stability. | --- ## Key Performance Indicators * **Q-Factor:** High "Quality Factor" ensures low energy loss at high frequencies. * **DCR (DC Resistance):** Usually very low (milliohms) to prevent heat buildup. * **Rated Current:** Typically ranges between 100mA to 300mA depending on the exact material.
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension of the 0201 package in millimeters?
    • ⤷ How does a 9.1nH inductor differ from a ferrite bead in circuit protection?
    • ⤷ Which manufacturers are the primary suppliers for the 2CW series?