データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2E1-R1

  • AI
    The **2E1-R1** typically refers to a specific hardware revision or configuration of the **Moxa ioLogik E1200 series** (specifically the **ioLogik E1212** or similar remote I/O modules). These are industrial-grade electronic devices used for data acquisition and control over Ethernet. Below is an explanation of the electronic components and architecture of this type of module. --- ### 1. Core Component Specifications The 2E1-R1 architecture is built around industrial automation requirements, focusing on signal isolation and protocol conversion. | Component Category | Description | Specifications (Typical) | | :--- | :--- | :--- | | **Microcontroller** | ARM-based RISC Processor | Handles Modbus/TCP stack and I/O logic | | **Ethernet Controller** | Dual 10/100 Mbps Ports | Supports "Daisy-chaining" (Internal Switch) | | **Isolation** | Magnetic/Optical Isolation | 1.5 kV for Ethernet; 3 kV for I/O | | **Power Management** | DC-to-DC Buck Converter | Accepts 12 to 36 VDC input | | **Memory** | Flash and RAM | Stores configuration and internal registers | --- ### 2. Functional Electronic Sections #### A. Digital Input (DI) Circuitry This section interfaces with sensors (like proximity switches or buttons). * **Optocouplers:** Used to protect the internal CPU from high-voltage spikes on the input lines. * **Wet/Dry Contact Support:** Electronic jumpers or software settings allow the input to detect a voltage (Wet) or a simple switch closure (Dry). #### B. Digital Output (DO) / Relay Circuitry Depending on the specific sub-model: * **Power MOSFETs:** Used for high-speed switching of DC loads. * **Mechanical Relays (if R1 variant):** Provides physical contact switching for AC or DC loads, offering complete galvanic isolation. #### C. Communication Interface (The "2E" Logic) The "2E" in the part designation often refers to the **2-port Ethernet** switch integrated into the electronics. * **Internal Switch Chip:** Allows data to pass through the device to the next module without needing an external network switch. * **Auto-MDI/MDI-X:** Electronic sensing to allow both straight-through and crossover cables. --- ### 3. Protection Circuitry Because these parts are used in "noisy" industrial environments, the PCB includes: * **TVS Diodes (Transient Voltage Suppressors):** Protects against ESD (Electrostatic Discharge). * **Reverse Polarity Protection:** Prevents damage if the power supply leads are swapped. * **Over-Current Protection:** Resettable fuses (PTCs) to protect the internal traces from drawing too much current. --- ### 4. Typical Pinout / Connection Mapping ```text [ V+ ] --- Power Input (12-36V) [ V- ] --- Ground [ DI0 ] --- Digital Input Channel 0 [ COM ] --- Common Ground for Inputs [ DO0 ] --- Digital Output Channel 0 [ ETH1] --- RJ45 Port 1 [ ETH2] --- RJ45 Port 2 ``` ---
    ✨ Follow-up Questions
    • ⤷ Is the 2E1-R1 you are referring to part of a Moxa ioLogik system or a different manufacturer?
    • ⤷ Do you need the specific wiring diagram for the Digital Input/Output channels?
    • ⤷ Are you looking for the Modbus register map for this electronic part?