データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2FP300

  • AI
    The **2FP300** is a specialized high-power electronic component, typically categorized as a **Fast Recovery Diode (FRD)** or a Power Rectifier module, depending on the specific manufacturer (such as Powerex or Fuji Electric). These parts are designed for high-speed switching and high-current handling. --- ### 1. Key Technical Specifications Below are the typical parameters associated with 2FP300 series components: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fast Recovery Diode | Optimized for high-speed switching. | | **Voltage Rating ($V_{RRM}$)** | 300V - 600V | Peak repetitive reverse voltage capacity. | | **Current Rating ($I_{F}$)** | 300A | Average forward current (high power). | | **Trr (Recovery Time)** | < 100ns - 250ns | Extremely fast transition from ON to OFF state. | | **Package Style** | Module (Isolated) | Often a flat-pack or bolt-down module for heat sinking. | --- ### 2. Core Functional Parts The 2FP300 is constructed using specific materials and internal geometries to manage thermal and electrical stress: 1. **Semiconductor Wafer (Die):** Usually made of Silicon (Si) with specific doping to ensure "Fast Recovery" characteristics. This minimizes power loss during switching. 2. **Baseplate:** Typically made of copper (often nickel-plated) to provide high thermal conductivity, allowing heat to move from the junction to the external heatsink. 3. **Insulation Layer:** High-performance ceramic (like Alumina or Aluminum Nitride) that provides electrical isolation between the active electrical circuit and the mounting baseplate. 4. **Terminals:** Heavy-duty screw or solder terminals designed to handle the 300A current load without melting or excessive voltage drop. --- ### 3. Common Applications Due to its high current capacity and fast switching speeds, the 2FP300 is used in the following systems: * **Welding Machines:** Rectifying high-frequency AC into DC for the welding arc. * **Induction Heating:** Used in the power stage of high-frequency heating elements. * **Uninterruptible Power Supplies (UPS):** Managing large-scale battery-to-load power conversion. * **Motor Drives:** Used as a "freewheeling diode" to protect IGBTs or MOSFETs from inductive spikes. --- ### 4. Circuit Symbol and Usage In a schematic, the 2FP300 is represented by a standard diode symbol, often within a module block. ```markdown (Anode) ----|>|---- (Cathode) + - ``` **Note:** Always ensure the use of **thermal paste** (Thermal Interface Material) when mounting this part to a heatsink, as the 300A current rating generates significant heat that must be dissipated to prevent component failure.
    ✨ Follow-up Questions
    • ⤷What are the specific mounting torque requirements for the 2FP300 module?
    • ⤷ How does the Trr (Reverse Recovery Time) affect the efficiency of a power supply?
    • ⤷ What is the difference between the 2FP300 and a standard bridge rectifier?