データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2GV1-R

  • AI
    The **2GV1-R** refers to a high-performance **Fiber Optic Receiver** module, typically manufactured by companies like **Broadcom (formerly Avago Technologies)**. It is specifically designed for industrial data link applications. --- ### 1. Component Overview The 2GV1-R is part of the Versatile Link family. It is an integrated photodetector and preamplifier designed to convert optical signals back into electrical signals. | Feature | Specification (Typical) | | :--- | :--- | | **Part Number** | HFBR-2521Z / 2GV1-R Series | | **Type** | Fiber Optic Receiver | | **Data Rate** | Up to 5 MBd (MegaBaud) | | **Fiber Compatibility** | 1 mm Plastic Optical Fiber (POF) | | **Operating Voltage** | 5V (Typical) | | **Output Type** | TTL / CMOS Compatible | --- ### 2. Key Internal Electronic Parts The module is not just a sensor; it contains a complex integrated circuit (IC) inside the housing: 1. **Photodiode:** A high-speed PIN photodiode that senses incoming light (usually in the 660nm red spectrum). 2. **Transimpedance Amplifier (TIA):** Converts the low-level current from the photodiode into a usable voltage. 3. **Schmitt Trigger:** An internal circuit that provides "hysteresis." This ensures the digital output is clean and eliminates noise (jitter) when the signal transitions from high to low. 4. **Open Collector Output:** Allows the part to interface easily with various logic levels (3.3V or 5V) using an external pull-up resistor. --- ### 3. Pin Configuration The device usually follows a standard 4-pin or 8-pin "Versatile Link" footprint: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **Vcc** | Positive Power Supply (5V) | | **2** | **Data Out** | Digital signal output | | **3** | **GND** | Ground | | **4** | **NC / Case** | No connection or Shield | --- ### 4. Application Use Cases * **Industrial Automation:** Transmitting data in high-noise environments where electrical interference (EMI) would disrupt copper wires. * **High Voltage Isolation:** Providing a physical gap between a high-voltage motor controller and a low-voltage CPU. * **Gaming & Medical:** Used in equipment requiring strict galvanic isolation for safety. --- ### 5. Design Requirements * **Pull-up Resistor:** Since the output is usually an open collector, a resistor (typically 1kΩ to 4.7kΩ) is required between the Data Out pin and Vcc. * **Bypass Capacitor:** A 0.1µF ceramic capacitor should be placed as close as possible to the Vcc and GND pins to filter power supply noise.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 2GV1-R receiver and its matching transmitter?
    • ⤷ How do I calculate the maximum distance for data transmission using this part?
    • ⤷ Can I use the 2GV1-R with Glass Optical Fiber instead of Plastic?