データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2JS125-R

  • AI
    The **2JS125-R** is an electronic component primarily classified as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering, decoupling, and energy storage. --- ### 1. Technical Specifications Below are the typical electronic characteristics for the 2JS125-R series: | Property | Value (Typical) | | :--- | :--- | | **Inductance** | 1.2 µH (Microhenries) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~15 - 25 mΩ | | **Rated Current (Isat)** | ~4.5A - 6.0A | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | Shielded SMD Case | --- ### 2. Key Electronic Features * **Magnetic Shielding:** The "S" in the series often denotes a shielded construction. This prevents electromagnetic interference (EMI) from affecting nearby sensitive components on the PCB. * **Low DCR:** It is designed with low Direct Current Resistance to minimize power loss through heat, making it highly efficient for battery-powered devices. * **High Saturation Current:** The "R" usually indicates a high-reliability or high-performance rating, allowing the inductor to maintain its inductance even when high current flows through it. * **Compact Footprint:** Designed for automated pick-and-place assembly on high-density circuit boards. --- ### 3. Common Applications The 2JS125-R is frequently found in the following electronic systems: 1. **DC-DC Converters:** Used in "Buck" or "Boost" regulators to smooth out current ripples. 2. **Consumer Electronics:** Power stages for laptops, tablets, and smartphones. 3. **LED Drivers:** Providing stable current for high-brightness LED arrays. 4. **Communication Equipment:** Filtering noise in power lines for telecommunication modules. --- ### 4. Identification and Marking * **2JS:** Represents the manufacturer's series code (often associated with brands like ABC Taiwan or similar magnetic component specialists). * **125:** Denotes the physical dimensions (roughly 12mm x 12mm x 5mm). * **R:** Indicates the RoHS compliance (Lead-free) or a specific revision/taping style.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 2JS125-R?
    • ⤷ Can this inductor be used in high-frequency switching power supplies?
    • ⤷ What are the physical dimensions of the 125 package size?