データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2MA-R

  • AI
    The **2MA-R** series typically refers to a specific line of **industrial joystick controllers** or **potentiometer-based control units** (often associated with brands like Sakae or specialized crane/hoist control manufacturers). These components are designed for precision manual control in electronic systems. --- ## 1. Core Technical Specifications The "2MA" designation usually points to a **2-axis** (X and Y) movement capability, while the "R" suffix often denotes specific resistance values or a "Return-to-center" spring mechanism. | Feature | Description | | :--- | :--- | | **Axis Control** | 2-Axis (Bi-directional movements) | | **Mechanism** | Spring Return (Auto-centering) | | **Sensor Type** | Conductive Plastic Potentiometer | | **Operating Angle** | Approx. ±20° to ±30° from center | | **Power Rating** | Low wattage (typically 0.1W - 0.2W) | | **Environmental Rating** | Usually IP40 to IP65 (depending on the rubber boot) | --- ## 2. Key Internal Components The 2MA-R is an electromechanical assembly consisting of several distinct parts: ### A. Potentiometers The heart of the unit. There are usually two potentiometers mounted at 90-degree angles. As you move the stick, the wipers slide across a resistive element, changing the voltage output proportionally to the handle's position. ### B. Gimbal Mechanism A mechanical linkage that translates the circular motion of the handle into independent X and Y linear movements for the potentiometers. ### C. Spring Return System The "R" in the name often signifies the internal spring assembly that ensures the joystick returns to the "null" or zero position when the operator releases the handle. ### D. Dust Yoke/Rubber Boot A flexible cover that prevents dust, moisture, and debris from entering the internal mechanical and electrical contacts. --- ## 3. Wiring and Terminal Layout Standard 2MA-R units use a 3-wire configuration per axis: ```markdown Terminal 1: Input Voltage (VCC) Terminal 2: Output Signal (Wiper) Terminal 3: Ground (GND) ``` --- ## 4. Common Applications Due to its durability and precision, the 2MA-R is frequently found in: * **Medical Equipment:** Controlling motorized wheelchairs or imaging beds. * **Industrial Cranes:** Operating overhead hoists and gantry movements. * **CCTV Systems:** Pan-Tilt-Zoom (PTZ) camera controllers. * **Construction Machinery:** Remote control interfaces for heavy lifting. ---
    ✨ Follow-up Questions
    • ⤷ What is the standard resistance value for a 2MA-R potentiometer?
    • ⤷ How do you calibrate the center-point voltage for this joystick?
    • ⤷ What is the difference between the 2MA-R and the 3MA-R models?