データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2ME-R

  • AI
    The term **2ME-R** typically refers to a specific type of **Metal Oxide Varistor (MOV)**, often categorized under the surge protection or transient voltage suppression series produced by manufacturers like *Thinking Electronic Industrial* or *Joyin*. --- ## 1. Component Overview A Varistor is a passive, non-linear electronic component used to protect circuits against high-voltage spikes (transients). The "2ME-R" designation usually indicates a specific voltage rating or physical configuration within a product series. ### Key Characteristics | Feature | Description | | :--- | :--- | | **Material** | Metal Oxide (Zinc Oxide typically) | | **Function** | Voltage-dependent resistor (decreases resistance as voltage increases) | | **Mounting** | Usually Radial Leaded (Through-hole) | | **Safety Standard** | Usually RoHS compliant (indicated by the "-R") | --- ## 2. Electrical Behavior The 2ME-R acts as an open circuit (high resistance) during normal operation. When a surge occurs, it enters a conduction state to shunt the excess current to ground. ### Operational Phases: 1. **Standby Mode:** Under normal operating voltage, the varistor remains in a high-impedance state, drawing negligible current. 2. **Clamping Mode:** When a transient pulse (like a lightning strike or inductive switching) exceeds the **Varistor Voltage**, the resistance drops sharply. 3. **Energy Absorption:** The component absorbs and dissipates the surge energy as heat, preventing it from reaching sensitive ICs. --- ## 3. Specifications Table (General Estimates) *Note: Exact specs can vary by manufacturer (e.g., TVR series or VDE series).* | Parameter | Typical Value / Range | | :--- | :--- | | **Varistor Voltage** | Varies (check specific suffix for voltage) | | **Maximum Clamping Voltage** | The peak voltage the part allows through | | **Peak Surge Current** | 100A to several kA (depending on disc size) | | **Capacitance** | High (pico-Farads to nano-Farads) | | **Operating Temp** | -40°C to +85°C | --- ## 4. Common Applications * **Power Supplies:** Protecting the AC input stage of SMPS. * **Consumer Electronics:** TV, Refrigerators, and PCs. * **Industrial Equipment:** Motor controllers and PLC inputs. * **Communication Lines:** Protecting data ports from ESD. --- ### Important Note on the "-R" Suffix In modern electronic component numbering, the **-R** suffix almost always denotes **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free and environmentally safe according to EU standards.
    ✨ Follow-up Questions
    • ⤷ What is the specific voltage rating for a 2ME-R varistor in a 220V circuit?
    • ⤷ How do I test if a 2ME-R varistor has failed using a multimeter?
    • ⤷ What is the difference between a Varistor (MOV) and a TVS Diode?