データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2N60ZLL-TN3-R

  • AI
    The **2N60ZLL-TN3-R** is an N-Channel Power MOSFET commonly used in power switching applications. It is designed to handle high voltages and provide high-speed switching performance. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the component: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | Drain-Source Voltage | $V_{DSS}$ | 600 | V | | Continuous Drain Current | $I_D$ | 2.0 | A | | Gate-Source Voltage | $V_{GSS}$ | $\pm$30 | V | | Static Drain-Source On-Resistance | $R_{DS(ON)}$ | 4.4 (Max) | $\Omega$ | | Total Gate Charge | $Q_g$ | 10.5 | nC | | Package Type | TO-252 | - | - | ### 2. Physical Characteristics & Naming Convention The suffix and prefix in the part number provide details about its manufacturing and packaging: * **2N60**: Refers to the series (typically 2 Amps, 600 Volts). * **Z**: Indicates high-speed switching or specialized gate protection (Zener diode protection). * **LL**: Low Leakage or specific low-power optimization. * **TN3**: Refers to the **TO-252 (D-PAK)** surface-mount package. * **R**: Indicates **Tape & Reel** packaging for automated assembly. ### 3. Features * **High Switching Speed:** Optimized for applications requiring rapid transitions. * **Low Gate Charge:** Requires less power to drive the gate, improving efficiency. * **ESD Protection:** Usually includes an internal Zener diode between the Gate and Source to protect against electrostatic discharge. * **RoHS Compliant:** Manufactured without hazardous substances. ### 4. Common Applications This MOSFET is typically found in circuits where high voltage and moderate current are required: 1. **Switch Mode Power Supplies (SMPS):** Used as the primary switching element. 2. **LED Drivers:** Controlling power to high-voltage LED strings. 3. **DC-DC Converters:** Stepping voltages up or down in industrial equipment. 4. **Electronic Ballasts:** Used in lighting control circuits. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacements for the 2N60ZLL-TN3-R?
    • ⤷ Can this MOSFET be used in a logic-level circuit (3.3V/5V)?
    • ⤷ How does the TO-252 package handle heat dissipation compared to TO-220?