データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2R1-R

  • AI
    The designation **2R1-R** typically refers to a specific series of **NTC (Negative Temperature Coefficient) Thermistors**, most commonly manufactured by companies like *Thinking Electronic Industrial* or *SSEC*. These components are widely used for inrush current limiting. --- ### 1. Breakdown of the Part Number The alphanumeric code provides specific technical details about the component's performance: | Segment | Meaning | Description | | :--- | :--- | :--- | | **2** | Resistance Value | Indicates the nominal resistance in Ohms ($\Omega$) at 25°C. | | **R1** | Configuration | Often indicates the physical size (disk diameter) or lead spacing. | | **-R** | RoHS Compliance | Signifies that the part is Lead-Free and meets RoHS environmental standards. | --- ### 2. Key Technical Specifications While exact specs vary by manufacturer, a standard **2R1-R** thermistor usually follows these parameters: * **Resistance at 25°C:** 2 $\Omega$ (with a tolerance of ±15% to ±20%). * **Max Steady State Current:** Typically between 5A and 8A (depending on the disk diameter). * **Operating Temperature:** -40°C to +170°C. * **Dissipation Constant:** The rate at which the device loses heat to the environment. --- ### 3. How it Works The 2R1-R is a **Negative Temperature Coefficient (NTC)** device. Its behavior is defined by an inverse relationship between heat and resistance: 1. **Cold State (Start-up):** When the device is turned on, the thermistor is cold and has its maximum resistance (2 $\Omega$). This limits the "Inrush Current" (the initial surge of electricity). 2. **Heating Up:** As current flows through it, the device heats up due to power dissipation. 3. **Hot State (Operation):** As it gets hot, its resistance drops significantly (often to a fraction of an Ohm). This allows the circuit to operate normally with minimal power loss. --- ### 4. Common Applications These parts are essential in power supply circuits to prevent blown fuses or damaged components during startup. * **Switch Mode Power Supplies (SMPS):** Limiting charging current of filter capacitors. * **Motor Starters:** Reducing initial torque and current spikes. * **LED Drivers:** Protecting sensitive diodes from power-on surges. * **Uninterruptible Power Supplies (UPS):** Managing battery charging paths. --- ### 5. Physical Characteristics * **Coating:** Usually encapsulated in a green or black flame-retardant silicone or epoxy resin. * **Form Factor:** Radial leaded disk (looks like a thick ceramic capacitor).
    ✨ Follow-up Questions
    • ⤷ What is the difference between an NTC and a PTC thermistor?
    • ⤷ How do I calculate the correct resistance value for an inrush current limiter?
    • ⤷ Can I use two 2R1-R thermistors in parallel to increase current capacity?