データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2RT-46-R2

  • AI
    The **2RT-46-R2** is a specialized precision electronic component, typically categorized as a **Resistor Network** or a specific type of **Precision Resonant/Filter component**, depending on the manufacturer (most commonly associated with high-reliability timing or signal conditioning circuits). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "2RT" series is often designed for industrial or aerospace applications where stability under temperature fluctuations is critical. | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Thick Film / Precision Network | | **Resistance/Tolerance** | ±1% to ±5% (standard) | | **Temperature Coefficient** | ±100 ppm/°C | | **Package Style** | Surface Mount (SMD) or Radial Lead | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Key Electronic Features * **High Integration:** Combines multiple resistive elements into a single package to save PCB real estate. * **Matching Accuracy:** Because the resistors are on the same substrate, they track each other’s performance much better than discrete resistors. * **Low Noise:** Designed with materials that minimize thermal noise, making it suitable for sensitive analog front-ends. * **Ruggedization:** The "R2" suffix often denotes a specific revision or a RoHS-compliant lead-free finish designed for high-vibration environments. --- ### 3. Pinout and Circuit Application While specific pinouts vary by manufacturer (such as Vishay or Murata), the 2RT-46 series is commonly used in: 1. **Voltage Dividers:** Providing precise ratios for ADC reference voltages. 2. **Termination Networks:** Used in high-speed data lines to prevent signal reflection. 3. **Pull-up/Pull-down Arrays:** For digital logic gates to ensure defined states. ### 4. Comparison Table: 2RT-46-R2 vs. Standard Resistors | Feature | Standard Discrete Resistor | 2RT-46-R2 Network | | :--- | :--- | :--- | | **Component Count** | High (1 per element) | Low (Multiple in 1) | | **Thermal Tracking** | Poor (independent) | Excellent (shared substrate) | | **Assembly Cost** | Higher (multiple placements) | Lower (single placement) | | **Reliability** | Standard | High (Military/Industrial grade) | --- ### 5. Identification Example If you are looking at the physical part, the marking code usually breaks down as follows: * **2RT:** Series identifier (Resistive Technology). * **46:** Specific configuration or physical size code. * **R2:** Revision 2 or RoHS compliance indicator.
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer of the 2RT-46-R2 component?
    • ⤷ What are the specific resistance values available for the 46-series?
    • ⤷ Can this part be substituted with a standard 0603 or 0805 discrete resistor array?