2SA1036-R
AI

## Overview of 2SA1036-R
The **2SA1036-R** is a Silicon PNP Epitaxial Planar Transistor designed primarily for general-purpose amplification and high-frequency switching applications. It is commonly found in a small SOT-23 surface-mount package, making it ideal for compact electronic circuits.
---
### 1. Key Technical Specifications
The following table summarizes the absolute maximum ratings and electrical characteristics of the 2SA1036-R:
| Parameter | Symbol | Value | Unit |
|:---|:---:|:---:|:---:|
| **Collector-Base Voltage** | $V_{CBO}$ | -40 | V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | -32 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | -5 | V |
| **Collector Current** | $I_C$ | -500 | mA |
| **Collector Power Dissipation** | $P_C$ | 200 | mW |
| **DC Current Gain** (R Rank) | $h_{FE}$ | 180 to 390 | - |
| **Transition Frequency** | $f_T$ | 200 | MHz |
---
### 2. Physical Characteristics & Pinout
The device typically uses the **SOT-23** (or SC-59) package. The pin configuration is standardized as follows:
1. **Base (B):** Controls the current flow between Collector and Emitter.
2. **Emitter (E):** The source of charge carriers (holes for PNP).
3. **Collector (C):** The output terminal.
---
### 3. Features & Classification
* **Low Saturation Voltage:** Typically $V_{CE(sat)} = -0.4V$ (Max) at $I_C = -100mA$.
* **High Transition Frequency:** With a $200 MHz$ $f_T$, it performs well in high-frequency signal processing.
* **Complementary Pair:** Its NPN counterpart is often the **2SC2411-R**.
* **Gain Ranking:** The "R" suffix specifically denotes the DC current gain ($h_{FE}$) range of **180 - 390**. Other variants might include Q (120-270) or S (270-560).
---
### 4. Common Applications
The 2SA1036-R is widely used in the following scenarios:
* **Signal Amplification:** Boosting weak audio or RF signals.
* **Switching:** Acting as a digital switch in low-power circuits (driving LEDs or small relays).
* **Driving Stages:** Used in the intermediate stages of power amplifiers.
* **Portable Devices:** Due to its small footprint and low power consumption.
---
### 5. Equivalent Replacement Parts
If the 2SA1036-R is unavailable, the following transistors are often suitable substitutes (ensure you check pinouts):
```markdown
- BC807 (PNP, higher current capability)
- 2SA1162 (Commonly used in similar SOT-23 designs)
- MMBT3906 (General purpose PNP, though specs vary slightly)
- 2SA1586 (Ultra-small package alternative)
```
- ⤷What is the difference between the R and S gain rankings for this transistor?
- ⤷ Can the 2SA1036-R be used in 5V logic switching applications?
- ⤷ What are the specific thermal management considerations for the SOT-23 package?