データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2SB1219A-R

  • AI
    The **2SB1219A-R** is a high-performance, PNP epitaxial planar silicon transistor designed primarily for low-frequency amplification and switching applications. It is frequently paired with its NPN complement, the **2SD1819A**. --- ## 1. Core Technical Specifications The "R" suffix typically denotes the **hFE (DC Current Gain) classification**, which usually falls within the range of 210 to 340 for this specific model. | Parameter | Symbol | Maximum Rating | | :--- | :---: | :--- | | Collector-Base Voltage | $V_{CBO}$ | -60 V | | Collector-Emitter Voltage | $V_{CEO}$ | -50 V | | Emitter-Base Voltage | $V_{EBO}$ | -7 V | | Collector Current (DC) | $I_C$ | -100 mA | | Collector Power Dissipation | $P_C$ | 150 mW | | Junction Temperature | $T_j$ | 150 °C | --- ## 2. Key Features and Physical Attributes * **Package Type:** Usually comes in a **SOT-23 (Mini-Type)** surface mount package, making it ideal for high-density circuit boards. * **High Voltage:** Offers a relatively high collector-emitter voltage ($V_{CEO} = 50V$) for a small-signal transistor. * **Low Noise:** Characterized by low noise figures, making it suitable for the initial stages of audio amplification. * **Complementary Pair:** Its NPN counterpart is the **2SD1819A**, allowing for symmetrical push-pull circuit designs. --- ## 3. Typical Applications Because of its small footprint and reliable gain characteristics, the 2SB1219A-R is commonly found in: 1. **Small Signal Amplification:** Used in pre-amplifier stages for audio equipment. 2. **Switching:** Acting as a digital switch in control circuits to drive small loads (LEDs, relays). 3. **Signal Conditioning:** Used in sensor interfaces where high input impedance and low noise are required. --- ## 4. Pin Configuration (SOT-23) Standard SOT-23 pinout for this transistor: | Pin Number | Assignment | | :--- | :--- | | 1 | Base (B) | | 2 | Emitter (E) | | 3 | Collector (C) | ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative SMD packages available for the 2SB1219A?
    • ⤷ How does the 'R' gain rank compare to the 'Q' or 'S' ranks for this part?
    • ⤷ What is the typical transition frequency (fT) for this transistor?