データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2SB1386L-R-AB3-B-R

  • AI
    The **2SB1386L-R-AB3-B-R** is a high-performance PNP epitaxial planar silicon transistor designed primarily for power amplification and switching applications. It is part of a family of transistors known for their low collector-to-emitter saturation voltage and high current capacity relative to their size. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of this specific component: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Type** | - | PNP | - | | **Collector-Emitter Voltage** | $V_{CEO}$ | -20 | V | | **Collector-Base Voltage** | $V_{CBO}$ | -30 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | -6 | V | | **Collector Current (DC)** | $I_C$ | -5 | A | | **Collector Current (Pulse)** | $I_{CP}$ | -10 | A | | **Power Dissipation ($T_a = 25^\circ C$)** | $P_D$ | 0.5 to 1.2 | W | | **DC Current Gain** | $h_{FE}$ | 120 ~ 560 | - | --- ### 2. Part Number Breakdown The suffixing on this part number (UTC - Unisonic Technologies) provides specific information about the manufacturing and packaging: * **2SB1386**: The base model number (PNP Power Transistor). * **L**: Lead-free/Halogen-free plating. * **R**: $h_{FE}$ classification (indicates a specific gain range, usually 180-390). * **AB3**: Refers to the **SOT-89** package type. * **B**: Denotes the pin assignment/configuration. * **R**: Tape and Reel packaging. --- ### 3. Features & Applications #### Features * **Low Saturation Voltage**: Typically $V_{CE(sat)} = -0.5V$ at $I_C = -2A$, which reduces power loss and heat. * **High Current Capacity**: Capable of handling up to 5A continuous current, which is exceptional for a small-outline package like the SOT-89. * **Complementary Pair**: Often used alongside the **2SD2098** (the NPN equivalent). #### Typical Applications 1. **Voltage Regulators**: Used in linear and switching regulators for power management. 2. **Relay Drivers**: High current capability allows it to drive mechanical relays directly. 3. **DC-DC Converters**: Efficient for low-voltage power conversion in portable electronics. 4. **Audio Amplifiers**: Used in the output stages of small audio devices. --- ### 4. Typical Connection Diagram In a standard switching configuration, the PNP transistor is placed between the positive supply and the load. ```markdown (Vcc +) ----> [Emitter] | [Base] <--- Resistor <--- Control Signal | (Load) <----- [Collector] | (GND) <---------| ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent NPN transistors for the 2SB1386?
    • ⤷ How does the SOT-89 package affect thermal management compared to TO-92?
    • ⤷ What is the specific hFE range for the 'R' classification?