データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2SB792A-R

  • AI
    The **2SB792A-R** is a high-performance PNP epitaxial silicon transistor designed primarily for low-frequency power amplification and switching applications. It is often paired with its NPN complement, the **2SD973A**. --- ### 1. Key Technical Specifications The "R" suffix typically denotes the **hFE (DC Current Gain)** classification, ensuring specific performance characteristics within a range. | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | -60 | V | | Collector-Emitter Voltage | $V_{CEO}$ | -50 | V | | Emitter-Base Voltage | $V_{EBO}$ | -5 | V | | Collector Current (DC) | $I_C$ | -3 | A | | Collector Power Dissipation | $P_C$ | 1.0 to 10* | W | | DC Current Gain (R Rank) | $h_{FE}$ | 60 – 120 | - | *\*Note: Power dissipation varies significantly depending on whether a heat sink is used.* --- ### 2. Physical Characteristics The 2SB792A is commonly found in a **TO-126** (or similar Power Mini-Mold) package. This package is favored for its compact size while allowing for heat sink attachment to handle higher currents. ### Pin Configuration 1. **Emitter (E):** The source of charge carriers. 2. **Collector (C):** Connected to the metal tab/heatsink area for heat dissipation. 3. **Base (B):** The trigger that controls the flow between Emitter and Collector. --- ### 3. Application Use-Cases Due to its high collector current ($3A$) and moderate voltage rating, it is frequently used in the following circuits: * **Audio Power Amplifiers:** Used in the output stage or driver stage of hi-fi equipment. * **Voltage Regulators:** Acting as a series pass transistor to control output voltage. * **Relay Drivers:** High current capacity allows it to switch inductive loads easily. * **DC-DC Converters:** Efficient switching in low-frequency power conversion. --- ### 4. Direct Equivalents and Substitutes If the 2SB792A-R is unavailable, the following transistors are often considered as alternatives (always verify pinouts before replacing): * **BD136 / BD138 / BD140:** Popular European PNP power transistors. * **MJE172:** A common high-performance PNP power transistor. * **2SB1188:** Often used in similar medium-power switching roles.
    ✨ Follow-up Questions
    • ⤷ What is the complementary NPN transistor for the 2SB792A-R?
    • ⤷ How does the 'R' gain classification affect circuit performance?
    • ⤷ What are the safe operating temperature limits for this transistor?