データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2SB962-Z-R

  • AI
    The **2SB962-Z-R** is a high-performance, PNP epitaxial silicon transistor designed primarily for low-frequency power amplification and high-speed switching applications. It is commonly found in power management circuits and driver stages. --- ### 1. General Specifications The "Z" suffix typically refers to the package style (SOT-89), and the "R" refers to the specific hFE (Current Gain) classification. | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Collector to Base Voltage** | $V_{CBO}$ | -25 V | | **Collector to Emitter Voltage** | $V_{CEO}$ | -20 V | | **Emitter to Base Voltage** | $V_{EBO}$ | -6.0 V | | **Collector Current (DC)** | $I_C$ | -5.0 A | | **Collector Current (Pulse)** | $I_{CP}$ | -10.0 A | | **Total Power Dissipation** | $P_T$ | 2.0 W (on Ceramic Substrate) | | **Junction Temperature** | $T_j$ | 150 °C | --- ### 2. Key Electrical Characteristics This transistor is known for its **low saturation voltage**, which minimizes power loss during switching. * **DC Current Gain ($h_{FE}$):** Typically ranges from 120 to 540 (The 'R' marking usually indicates a specific sub-range, often 200–400). * **Collector Saturation Voltage ($V_{CE(sat)}$):** Very low, typically around -0.25V at $I_C = -3A$. * **Gain Bandwidth Product ($f_T$):** Approximately 150 MHz, allowing for relatively fast transitions. --- ### 3. Pin Configuration (SOT-89 Package) The 2SB962-Z is usually housed in a Surface Mount Device (SMD) SOT-89 package, which provides a good balance between small size and thermal dissipation. | Pin Number | Designation | Function | | :--- | :--- | :--- | | 1 | **Base** | Controls the bias of the transistor. | | 2 | **Collector** | Connected to the heat sink tab internally. | | 3 | **Emitter** | The outlet for the current. | --- ### 4. Common Applications Due to its high current handling and low saturation voltage, it is ideal for: 1. **Voltage Regulators:** Used in series pass circuits for power supplies. 2. **Relay Drivers:** Capable of driving high-current coils. 3. **DC-DC Converters:** High efficiency due to low $V_{CE(sat)}$. 4. **Audio Amplifiers:** Used in the output or driver stage for portable electronics. --- ### 5. Equivalent/Substitute Parts If the 2SB962-Z-R is unavailable, the following parts may serve as functional equivalents (verify pinouts and ratings): * **2SB1202** * **2SB1143** * **D882** (NPN Complement, though 2SB962 is PNP) ---
    ✨ Follow-up Questions
    • ⤷ What is the complementary NPN transistor for the 2SB962?
    • ⤷ How does the 'R' suffix specifically affect the current gain range?
    • ⤷ What are the thermal considerations when mounting the SOT-89 package on a PCB?