2SC2240
AI

## 2SC2240 NPN Epitaxial Silicon Transistor
The **2SC2240** is a popular high-voltage, low-noise NPN transistor primarily designed for audio frequency (AF) amplification. It is highly regarded in the audiophile community for its exceptional linearity and low noise floor.
### 1. Key Technical Specifications
| Parameter | Symbol | Rating | Unit |
| :--- | :---: | :---: | :---: |
| Collector-Base Voltage | $V_{CBO}$ | 120 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | 120 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 5 | V |
| Collector Current | $I_C$ | 100 | mA |
| Collector Power Dissipation | $P_C$ | 300 | mW |
| DC Current Gain | $h_{FE}$ | 200 to 700 | - |
| Transition Frequency | $f_T$ | 100 | MHz |
---
### 2. Main Characteristics
* **Low Noise:** It features a very low noise figure (typically $NF = 2.0\text{ dB}$ or less), making it ideal for the first stage of pre-amplifiers or phono stages.
* **High Voltage:** With a $V_{CEO}$ of 120V, it can be used in circuits with relatively high voltage rails without the risk of breakdown.
* **High Linearity:** The current gain ($h_{FE}$) remains stable across a range of collector currents, ensuring low distortion in audio signals.
* **Complementary Pair:** It is often paired with the **2SA970** (PNP), which has matching characteristics for push-pull circuit designs.
---
### 3. Pinout and Package
The 2SC2240 usually comes in a **TO-92** plastic package. Looking at the flat side with the leads pointing down, the pin configuration is:
1. **Emitter (E)**
2. **Collector (C)**
3. **Base (B)**
---
### 4. Common Applications
1. **Audio Pre-amplifiers:** Used in the input stages where maintaining a clean signal is critical.
2. **Phono Equalizers:** Excellent for boosting low-level signals from vinyl turntables.
3. **Constant Current Sources:** Due to its stability and voltage rating.
4. **Driver Stages:** Used in small power amplifiers to drive larger power transistors.
---
### 5. Classification of $h_{FE}$
The 2SC2240 is usually sorted into two gain categories, marked on the component:
* **GR (Green):** 200 ~ 400
* **BL (Blue):** 350 ~ 700
- ⤷
What are the modern equivalent replacements for the 2SC2240 since it is often discontinued?
- ⤷ How does the 2SC2240 compare to the 2N3904 in terms of noise and voltage?
- ⤷ Can you provide a simple schematic for a pre-amplifier using this transistor?