2SC3230
AI

## Technical Overview: 2SC3230 Transistor
The **2SC3230** is a NPN epitaxial silicon transistor designed primarily for **power amplification** and **high-speed switching** applications. It is commonly found in the output stages of audio amplifiers and in power supply control circuits.
---
### 1. Key Specifications
The following table outlines the absolute maximum ratings and electrical characteristics typically found in the datasheet:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | 100 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | 80 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 5 | V |
| Collector Current (DC) | $I_C$ | 2 | A |
| Collector Power Dissipation | $P_C$ | 0.9 (Ambient) / 20 (with Heatsink) | W |
| Junction Temperature | $T_j$ | 150 | °C |
---
### 2. Pin Configuration
The 2SC3230 is usually manufactured in a **TO-220** or **TO-126** package style, which allows for easy attachment to a heatsink. The standard pinout (facing the front of the component) is:
1. **Base (B):** Controls the flow between Collector and Emitter.
2. **Collector (C):** Connected to the positive supply/load.
3. **Emitter (E):** Usually connected to ground or the negative rail.
---
### 3. Features & Applications
#### Key Features:
* **High Current Capability:** Handles up to 2A, making it suitable for driving small motors or heavy relays.
* **High Voltage:** $V_{CEO}$ of 80V allows it to operate in circuits with significant voltage swings.
* **Good Linearity:** Often used in audio applications because it maintains a relatively stable gain across different current levels.
#### Common Uses:
* **Audio Power Amplifiers:** Used in the driver stage or output stage of mid-range sound systems.
* **Voltage Regulators:** Acting as a pass transistor in linear power supplies.
* **Relay/Solenoid Drivers:** Switching inductive loads in industrial electronics.
* **DC-DC Converters:** High-speed switching for power conversion.
---
### 4. Complementary Pair
In push-pull amplifier designs, the 2SC3230 (NPN) is often paired with its PNP counterpart to handle both halves of the AC waveform.
* **Complementary PNP Part:** **2SA1294** (or similar depending on the specific manufacturer series).
- ⤷
What are the typical gain (hFE) values for the 2SC3230 at different current levels?
- ⤷ How does the power dissipation change when using a heatsink versus ambient air?
- ⤷ Can you provide a basic circuit diagram using the 2SC3230 as a switch?