2SC3235
AI

### Technical Overview: 2SC3235 Transistor
The **2SC3235** is a high-voltage NPN Silicon Epitaxial Transistor primarily designed for high-speed switching and power amplifier applications. It is frequently utilized in television circuitry, specifically for video output stages and high-frequency amplification.
---
### 1. General Specifications
Below are the key electrical characteristics and absolute maximum ratings:
| Parameter | Symbol | Rating | Unit |
|:---|:---|:---|:---|
| Collector-Base Voltage | $V_{CBO}$ | 400 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | 400 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 7.0 | V |
| Collector Current (DC) | $I_C$ | 0.2 | A |
| Collector Power Dissipation | $P_C$ | 900 | mW |
| Junction Temperature | $T_j$ | 150 | °C |
---
### 2. Key Features
* **High Voltage:** Capable of handling up to 400V, making it suitable for applications connected to rectified mains or high-voltage signals.
* **Low Capacitance:** Small output capacitance ($C_{ob}$), which is critical for maintaining signal integrity at high frequencies.
* **Complementary Pair:** Often paired with the **2SA1285** (PNP) for push-pull circuit designs.
* **Package Type:** Usually found in a **TO-92L** or **TO-92MOD** package, which allows for better heat dissipation than a standard TO-92.
---
### 3. Pin Configuration
When looking at the flat side of the transistor with the leads pointing down:
1. **Emitter (E):** The source of charge carriers.
2. **Collector (C):** Connected to the higher voltage/load.
3. **Base (B):** The trigger that controls current flow between C and E.
---
### 4. Common Applications
* **Video Output Stages:** Used in CRT monitors and television sets to drive the electron guns.
* **High-Voltage Switching:** Suitable for small-signal high-voltage switching power supplies.
* **Signal Amplification:** Used in professional audio equipment or instrumentation where high voltage swings are required.
---
### 5. Equivalent/Replacement Parts
If the 2SC3235 is unavailable, the following transistors are often considered as alternatives (verify pinouts before replacing):
* **2SC3467**
* **KSC2330**
* **BF422** (General high voltage NPN)
- ⤷
What are the specific gain (hFE) values for the 2SC3235?
- ⤷ Can I use a 2SC3235 in a 12V DC-to-DC converter circuit?
- ⤷ What is the typical transition frequency (fT) for this transistor?