2SC3858
AI

## Overview of the 2SC3858 Transistor
The **2SC3858** is a high-power NPN epitaxial planar silicon transistor. It is specifically designed for high-fidelity (Hi-Fi) audio power amplifiers and general-purpose high-power switching applications. It is frequently paired with its PNP complement, the **2SA1494**.
---
### Key Technical Specifications
The following table summarizes the absolute maximum ratings and electrical characteristics of the 2SC3858:
| Parameter | Symbol | Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | 200 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | 200 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 6 | V |
| Collector Current (DC) | $I_C$ | 17 | A |
| Base Current | $I_B$ | 5 | A |
| Power Dissipation ($T_c = 25°C$) | $P_C$ | 200 | W |
| Junction Temperature | $T_j$ | 150 | °C |
| Transition Frequency | $f_T$ | 20 | MHz |
---
### Physical and Structural Features
* **Package Type:** It usually comes in a **MT-200** package (also known as the "Sanken" style large package). This large footprint is necessary to dissipate the significant heat generated during high-power operation.
* **Material:** Silicon NPN.
* **Mounting:** It features two mounting holes for secure attachment to large aluminum heat sinks.
### Common Applications
1. **Audio Power Amplifiers:** Due to its high linearity and power handling, it is a staple in "Stage" amplifiers and high-end home audio systems.
2. **DC-to-DC Converters:** Used in power regulation where high current handling is required.
3. **Motor Drivers:** Suitable for driving large DC motors in industrial applications.
4. **Voltage Regulators:** Employed in high-output linear power supplies.
---
### Complementary Pair
In push-pull amplifier topologies, the 2SC3858 (NPN) is almost always used alongside the **2SA1494** (PNP). This pairing ensures symmetrical amplification of the positive and negative cycles of the audio signal.
---
- ⤷
What are the best heat sinking practices for the MT-200 package?
- ⤷ How can I identify a counterfeit 2SC3858 transistor?
- ⤷ What is the recommended bias current for this transistor in a Class AB amplifier?