データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2SC4215-R

  • AI
    ### 2SC4215-R Electronic Component Overview The **2SC4215-R** is a high-frequency NPN epitaxial silicon transistor designed primarily for **VHF (Very High Frequency) and UHF (Ultra High Frequency)** applications. It is commonly found in the RF (Radio Frequency) stages of FM tuners, television receivers, and communication equipment. --- ### 1. Key Technical Specifications The "R" suffix typically refers to the **hFE (DC Current Gain)** classification, indicating a specific gain range. | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 40 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 30 | V | | Emitter-Base Voltage | $V_{EBO}$ | 4 | V | | Collector Current | $I_C$ | 20 | mA | | Collector Power Dissipation | $P_C$ | 100 - 150 | mW | | Transition Frequency | $f_T$ | 600 (typ.) | MHz | | DC Current Gain (R Rank) | $h_{FE}$ | 40 to 80 | - | --- ### 2. Physical Characteristics & Packaging The 2SC4215 is usually manufactured in a small surface-mount package, making it ideal for compact electronic circuits. * **Package Type:** SOT-23 (Standard) or SC-59. * **Pin Configuration:** 1. **Base (B)** 2. **Emitter (E)** 3. **Collector (C)** --- ### 3. Application Areas Due to its high transition frequency ($f_T$) and low noise characteristics, it is utilized in: * **RF Amplifiers:** Strengthening weak radio signals in the FM/VHF bands. * **Oscillators:** Local oscillators in radio and TV tuners. * **Mixers:** Frequency conversion stages in communication devices. --- ### 4. Comparison with Similar Models | Part Number | Type | $f_T$ (MHz) | Primary Use | | :--- | :--- | :--- | :--- | | **2SC4215** | NPN | 600 | RF Amp / Oscillator | | **2SC1815** | NPN | 80 | General Purpose Audio | | **2SC3356** | NPN | 7000 | Wideband Microwave | --- ### 5. Circuit Design Considerations ```cpp // Typical biasing considerations for RF circuits 1. Ensure the Vce remains within 5-10V for optimal linear performance. 2. Use short lead lengths (SMD) to minimize parasitic inductance. 3. Keep the collector current (Ic) around 2-5mA for low-noise amplification. ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent cross-reference parts for the 2SC4215-R?
    • ⤷ How does the 'R' gain classification affect circuit performance compared to the 'O' or 'Y' ranks?
    • ⤷ Can this transistor be used in low-power microwave applications?