データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2SC4815

  • AI
    ## Technical Overview of the 2SC4815 Transistor The **2SC4815** is an NPN Silicon Epitaxial Planar Transistor specifically designed for high-speed switching applications and high-frequency amplification. It is commonly found in power supply circuits and electronic ballasts. --- ### 1. Key Specifications The following table highlights the absolute maximum ratings and electrical characteristics of the 2SC4815: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 450 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 400 | V | | Emitter-Base Voltage | $V_{EBO}$ | 7 | V | | Collector Current (DC) | $I_C$ | 2 | A | | Collector Power Dissipation | $P_C$ | 15 | W | | Junction Temperature | $T_j$ | 150 | °C | --- ### 2. Physical Characteristics and Pinout The 2SC4815 is typically housed in a **TO-126** or **TO-220** variant package, which allows for heat dissipation through a metal tab or heatsink mounting. **Pin Configuration:** 1. **Emitter (E):** The source of charge carriers. 2. **Collector (C):** Connected to the load; the metal tab is often internally connected to the collector. 3. **Base (B):** Controls the flow of current between collector and emitter. --- ### 3. Core Features * **High Voltage Capability:** With a $V_{CEO}$ of 400V, it is ideal for applications interacting with AC mains. * **High-Speed Switching:** It features a very short storage time ($t_{stg}$), making it efficient for PWM (Pulse Width Modulation) circuits. * **High Reliability:** Designed for industrial and consumer electronics requiring stability under thermal stress. --- ### 4. Common Applications The 2SC4815 is frequently used in the following scenarios: * **Switching Regulators:** Used in SMPS (Switched-Mode Power Supplies) to convert voltages. * **Electronic Ballasts:** Used in lighting circuits (like CFLs) for high-frequency oscillation. * **High-Voltage Inverters:** Converting DC to AC in portable electronics or solar systems. * **Horizontal Deflection Output:** In older CRT monitors and television sets. --- ### 5. Equivalent Replacement Parts If the 2SC4815 is unavailable, the following transistors are often used as substitutes (ensure to check pinouts and power ratings): * **MJE13003 / MJE13005** (Common high-voltage NPN switch) * **KSC4815** (Fairchild/ON Semi equivalent) * **BUL381**
    ✨ Follow-up Questions
    • What are the specific switching times (ton
    • toff) for the 2SC4815?
    • Can this transistor be used directly with a 5V microcontroller signal?
    • What size heatsink is recommended for a 2A collector current?