データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2SC5359-R

  • AI
    ### Technical Overview: 2SC5359-R Transistor The **2SC5359-R** is a high-power NPN Silicon Triple Diffused Planar Transistor. It is primarily designed for high-fidelity (Hi-Fi) audio power amplification and general-purpose power switching applications. --- ### 1. Key Features & Specifications The "R" suffix typically refers to the **hFE (DC Current Gain) classification**, indicating a specific range of gain performance. | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 180 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 180 | V | | Emitter-Base Voltage | $V_{EBO}$ | 5 | V | | Collector Current (DC) | $I_C$ | 15 | A | | Base Current | $I_B$ | 1.5 | A | | Collector Power Dissipation | $P_C$ | 150 | W | | Junction Temperature | $T_j$ | 150 | °C | ### 2. Physical Characteristics * **Package Type:** TO-3P(L) or TO-264 (depending on manufacturer). * **Mounting:** Through-hole mounting. * **Complementary Pair:** Usually paired with the **2SA1987** (PNP) for push-pull amplifier stages. ### 3. Gain Classification (hFE) The "R" classification defines the DC current gain range under specific test conditions (usually $V_{CE} = 5V, I_C = 1A$): * **R Rank:** 55 to 110 * **O Rank:** 80 to 160 --- ### 4. Typical Applications The 2SC5359-R is favored in high-end electronics due to its linearity and power handling: 1. **Audio Power Amplifiers:** Used in the output stage of 100W+ per channel home theater receivers and professional audio gear. 2. **DC-DC Converters:** High-current switching applications. 3. **Voltage Regulators:** High-power linear regulators. --- ### 5. Schematic Symbol & Pinout ```text (Base) 1 [---] | | (Collector) 2 [---] (Metal Tab) | | (Emitter) 3 [---] ``` * **Pin 1:** Base (B) * **Pin 2:** Collector (C) - Connected to the mounting tab. * **Pin 3:** Emitter (E) --- ### 6. Design Considerations * **Heat Dissipation:** Because it can dissipate up to 150W, a substantial heatsink and thermal paste are mandatory to prevent thermal runaway. * **Protection:** It is recommended to use emitter resistors ($0.22\Omega$ to $0.47\Omega$) in parallel configurations to ensure current balancing.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the 2SC5359-R?
    • ⤷ How do I test if a 2SC5359-R is faulty using a multimeter?
    • ⤷ What is the importance of the complementary PNP transistor in audio circuits?