データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2SD1624-R

  • AI
    ## 2SD1624-R: High-Current NPN Epitaxial Planar Silicon Transistor The **2SD1624-R** is an NPN power transistor primarily used for high-current switching and power amplification. It is designed to handle significant current in a compact surface-mount package. --- ### 1. General Specifications The "R" suffix typically refers to the **DC Current Gain ($h_{FE}$)** classification, indicating a specific range of gain performance. | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-to-Base Voltage** | $V_{CBO}$ | 60 | V | | **Collector-to-Emitter Voltage** | $V_{CEO}$ | 50 | V | | **Emitter-to-Base Voltage** | $V_{EBO}$ | 6 | V | | **Collector Current (DC)** | $I_C$ | 3 | A | | **Collector Current (Pulse)** | $I_{CP}$ | 6 | A | | **Total Power Dissipation** | $P_C$ | 500 (1.3 on PCB) | mW/W | | **Junction Temperature** | $T_j$ | 150 | °C | --- ### 2. Key Features * **High Current Capacity:** Despite its small size, it can handle up to 3A of continuous current. * **Low Saturation Voltage:** It features a very low collector-to-emitter saturation voltage ($V_{CE(sat)}$), typically around 0.22V at 2A. This results in lower power loss and heat generation during switching. * **High Speed:** Fast switching times make it suitable for high-frequency applications. * **Package Type:** Usually found in the **SOT-89** package, which is suitable for surface-mount technology (SMT) and offers decent thermal management. --- ### 3. $h_{FE}$ (Current Gain) Classification The "R" rank defines the following range: * **Rank R:** 100 to 200 * **Rank S:** 140 to 280 * **Rank T:** 200 to 400 --- ### 4. Typical Applications The 2SD1624-R is versatile and commonly found in the following circuits: 1. **Voltage Regulators:** Used as a pass transistor in power supply circuits. 2. **Relay/Solenoid Drivers:** Efficiently switches inductive loads due to its high current handling. 3. **DC-DC Converters:** Acts as a high-speed switch for power conversion. 4. **Audio Power Amplification:** Used in the output stages of small audio devices. --- ### 5. Equivalent/Complementary Parts * **Complementary PNP:** The **2SB1124** is the PNP counterpart to the 2SD1624. * **Possible Substitutes:** 2SD1623, MJD31C (DPAK), or BD139 (Through-hole, for prototyping).
    ✨ Follow-up Questions
    • ⤷What is the thermal resistance of the SOT-89 package for the 2SD1624-R?
    • ⤷ How does the VCE(sat) vary with collector current in this transistor?
    • ⤷ Can you provide a basic circuit diagram for using the 2SD1624-R as a switch?