データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2SD1801-R

  • AI
    ## Overview of the 2SD1801-R Transistor The **2SD1801-R** is a high-performance NPN epitaxial silicon transistor. It is specifically designed for applications requiring high speed and low saturation voltage, making it ideal for power management and switching tasks. ### 1. Key Specifications The following table highlights the absolute maximum ratings and electrical characteristics for the 2SD1801-R. | Parameter | Symbol | Value | Unit | | :--- | :---: | :---: | :---: | | Collector-Base Voltage | $V_{CBO}$ | 60 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 50 | V | | Emitter-Base Voltage | $V_{EBO}$ | 6 | V | | Collector Current (DC) | $I_C$ | 2 | A | | Collector Current (Pulse) | $I_{CP}$ | 4 | A | | Collector Dissipation ($T_c = 25^\circ C$) | $P_C$ | 15 | W | | Junction Temperature | $T_j$ | 150 | $^\circ$C | --- ### 2. Classification of DC Current Gain ($h_{FE}$) The "R" suffix in **2SD1801-R** denotes a specific range for the DC current gain ($h_{FE}$). This ensures consistency when used in circuit designs. | Suffix Rank | $h_{FE}$ Range | | :--- | :--- | | **R** | **100 to 200** | | Q | 70 to 140 | | S | 140 to 280 | | T | 200 to 400 | --- ### 3. Distinctive Features * **Low Saturation Voltage:** It exhibits a very low $V_{CE(sat)}$, typically around 0.15V at 1A, which minimizes power loss and heat generation. * **High Speed:** Optimized for fast switching transitions. * **Large Current Capacity:** Despite its small footprint, it can handle up to 2A of continuous current. * **Packaging:** Usually found in a **TP/TP-FA** (similar to TO-251 or TO-252/DPAK) package, suitable for surface mount or through-hole applications. --- ### 4. Typical Applications The 2SD1801-R is commonly integrated into the following systems: 1. **DC-DC Converters:** Used as a switching element to step up or down voltages efficiently. 2. **Relay Drivers:** Ideal for driving solenoids and relays due to high current capacity. 3. **Voltage Regulators:** Acts as a pass transistor in linear or switching regulators. 4. **Motor Control:** Small DC motor drivers for consumer electronics. --- ### 5. Equivalent/Substitute Parts If the 2SD1801-R is unavailable, the following transistors may be considered as substitutes (check pinout and voltage requirements): * **MJD31C:** Common power transistor (DPAK). * **2SD1802:** A similar variant often used interchangeably depending on gain requirements. * **TIP31C:** A larger TO-220 alternative for higher power dissipation.
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the 2SD1801-R in the DPAK package?
    • ⤷ How does the low saturation voltage of this transistor benefit battery-operated devices?
    • ⤷ Can you provide a basic schematic for using the 2SD1801-R as a switch?