2SD1802
AI

## Technical Overview: 2SD1802 Transistor
The **2SD1802** is a high-performance **NPN Epitaxial Planar Silicon Transistor**. It is specifically designed for high-current switching applications and is widely known for its excellent current-to-gain characteristics and low saturation voltage.
### 1. Key Specifications
The following table summarizes the absolute maximum ratings and electrical characteristics of the 2SD1802:
| Parameter | Symbol | Rating/Value |
| :--- | :--- | :--- |
| **Collector-to-Base Voltage** | $V_{CBO}$ | 60 V |
| **Collector-to-Emitter Voltage** | $V_{CEO}$ | 50 V |
| **Emitter-to-Base Voltage** | $V_{EBO}$ | 6 V |
| **Collector Current (DC)** | $I_C$ | 3 A |
| **Collector Current (Pulse)** | $I_{CP}$ | 6 A |
| **Collector Dissipation** | $P_C$ | 1 W (at $T_a=25^\circ C$) |
| **DC Current Gain** | $h_{FE}$ | 100 to 560 |
| **Gain-Bandwidth Product** | $f_T$ | 150 MHz (Typical) |
---
### 2. Physical Characteristics & Pinout
The 2SD1802 is typically found in the **TP** (similar to TO-251) or **TP-FA** (similar to TO-252/DPAK) packages. This allows for both through-hole and surface-mount (SMD) configurations.
**Pin Configuration:**
1. **Base (B):** Controls the flow of current between Collector and Emitter.
2. **Collector (C):** Connected to the higher voltage/load side.
3. **Emitter (E):** Connected to the ground or lower voltage side.
---
### 3. Features and Advantages
* **Low Saturation Voltage:** The $V_{CE(sat)}$ is remarkably low (typically 0.2V at 1.5A), which minimizes power loss and heat generation during high-current switching.
* **High Speed:** With a transition frequency ($f_T$) of 150 MHz, it can handle fast switching transitions.
* **Large Current Capacity:** Despite its small size, it can handle a continuous 3A, making it robust for power management.
* **Complementary Pair:** The PNP version of this transistor is the **2SB1202**.
---
### 4. Common Applications
Due to its high current and fast switching capabilities, the 2SD1802 is commonly used in:
* **Voltage Regulators:** Used as a pass transistor in power supply circuits.
* **Relay Drivers:** Ideal for driving mechanical relays or solenoids.
* **DC-DC Converters:** Useful in high-frequency power conversion.
* **Motor Drivers:** Controlling small to medium-sized DC motors.
* **Flash Circuits:** Used in camera flash units due to its high pulse current rating.
---
- ⤷
What are the equivalent or replacement transistors for the 2SD1802?
- ⤷ How do you calculate the heat dissipation requirements for this transistor in a 3A circuit?
- ⤷ What is the difference between the 2SD1802 and its PNP complement 2SB1202?