データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2SD1816L-R-TM3-C-R

  • AI
    ## Electronic Components Analysis: 2SD1816L-R-TM3-C-R The **2SD1816L-R-TM3-C-R** is a high-current, high-speed switching NPN epitaxial planar silicon transistor. It is widely used in power management and driver circuits due to its low saturation voltage and high-speed capability. --- ### 1. General Specifications The following table summarizes the key electrical and physical characteristics of this part: | Parameter | Description / Value | | :--- | :--- | | **Type** | NPN Silicon Transistor | | **Package Type** | TO-251 (IPAK) / TM3 (Through-hole) | | **Maximum Collector Current ($I_C$)** | 4.0 Amperes | | **Collector-Emitter Voltage ($V_{CEO}$)** | 100 Volts | | **Collector-Base Voltage ($V_{CBO}$)** | 120 Volts | | **DC Current Gain ($h_{FE}$)** | 100 to 400 (Typically 'R' rank) | | **Transition Frequency ($f_T$)** | 120 MHz (Typical) | | **Power Dissipation ($P_C$)** | 1.0W (Free air) / 15W (with Heat sink) | --- ### 2. Part Number Breakdown The alphanumeric string indicates specific manufacturing and packaging details: * **2SD1816**: The base part number (NPN Transistor). * **L**: Often indicates Lead-free (RoHS compliant). * **R**: Represents the DC Current Gain ($h_{FE}$) classification (Range: 100 - 200 or 200 - 400 depending on manufacturer datasheet). * **TM3**: UTC (Unisonic Technologies) specific code for the package type (typically TO-251). * **C-R**: Refers to specific packing methods (e.g., Tube or Tape and Reel). --- ### 3. Key Features and Applications #### Key Features * **Low Saturation Voltage:** $V_{CE(sat)}$ is typically very low, which reduces power loss during the "ON" state. * **Fast Switching:** High transition frequency ($f_T$) makes it suitable for high-speed pulse applications. * **High Current Capacity:** Can handle up to 4A, which is high for its compact package size. #### Typical Applications 1. **Relay Drivers:** Used to switch mechanical relays in industrial controls. 2. **DC-DC Converters:** Acts as a switching element in power supply circuits. 3. **Motor Drivers:** Controlling small to medium-sized DC motors. 4. **Strobe/Flash Circuits:** Used in camera flash units due to high pulse current handling. --- ### 4. Typical Application Circuit (Example) ```cpp // Schematic Logic Representation: // [VCC] --- [Load (Motor/Relay)] --- [Collector] // [Logic Signal] --- [Resistor] --- [Base] // [Ground] ------------------------- [Emitter] ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent substitute parts for the 2SD1816?
    • ⤷ How does the 'R' gain classification affect the circuit design?
    • ⤷ What is the specific pinout configuration for the TO-251 package?