データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2SD965A-R-TN3-R

  • AI
    The **2SD965A-R-TN3-R** is a high-current, low-voltage NPN epitaxial silicon transistor designed primarily for applications requiring high switching speeds and power efficiency in a compact form factor. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :---: | :---: | :---: | | Collector-Base Voltage | $V_{CBO}$ | 40 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 22 | V | | Emitter-Base Voltage | $V_{EBO}$ | 7 | V | | Collector Current (DC) | $I_C$ | 5 | A | | Collector Current (Pulse) | $I_{CP}$ | 8 | A | | Power Dissipation | $P_D$ | 0.5 to 1.25* | W | | DC Current Gain (hFE) | $h_{FE}$ | 230 - 600 (R Class) | - | *\*Power dissipation varies based on mounting and package thermal constraints.* --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific variant: * **2SD965A**: The core part number (NPN Transistor). * **-R**: Refers to the **hFE (Gain) Classification**. The "R" rank typically indicates a gain range between **230 and 600**. * **-TN3**: Refers to the **Package Type**. In the UTC (Unisonic Technologies) catalog, TN3 usually corresponds to the **TO-252 (D-PAK)** surface mount package. * **-R**: Indicates the **Packing Type**, usually meaning "Tape and Reel" for automated assembly. --- ### 3. Features and Applications #### Features * **Low Saturation Voltage:** $V_{CE(sat)}$ is typically low (around 0.35V at 3A), which reduces power loss and heat generation. * **High Current Capability:** Can handle up to 5A of continuous current, which is high for its size. * **Fast Switching:** Suitable for high-frequency pulse applications. #### Common Applications * **Camera Flash Circuits:** Due to the high pulse current capability. * **DC-DC Converters:** Used as a switching element for voltage regulation. * **Motor Drivers:** Driving small DC motors or actuators. * **Audio Power Amplifiers:** Used in the output stages of portable audio devices. --- ### 4. Pin Configuration (TO-252) When looking at the front of the transistor (labels facing you), the pinout is generally: 1. **Base (B)**: Controls the flow between Collector and Emitter. 2. **Collector (C)**: Connected to the large metal tab for heat dissipation. 3. **Emitter (E)**: The exit point for the current. ```markdown _______ | [C] | <-- Collector (Tab) |_______| | | | (B) (C) (E) 1 2 3 ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the 2SD965A?
    • ⤷ How does the 'R' gain classification affect circuit performance?
    • ⤷ What is the recommended thermal management for the TO-252 package at 5A?