データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2SD965AL-R-T92-R

  • AI
    The **2SD965AL-R-T92-R** is a specific variant of the 2SD965 NPN epitaxial silicon transistor. It is widely recognized for its high current capacity and low saturation voltage, making it ideal for battery-powered applications and strobe flash units. --- ### 1. Part Number Breakdown Understanding the suffix codes helps identify the specific characteristics of this component: | Part Segment | Meaning | | :--- | :--- | | **2SD965** | Base part number (NPN Silicon Transistor) | | **A** | Improved version (often indicating higher voltage or gain stability) | | **L** | Lead-free / RoHS Compliant | | **R** | hFE Classification (Rank R: 230 – 450) | | **T92** | Package Type (TO-92) | | **R** | Packing Style (Tape & Reel / Ammo pack) | --- ### 2. Key Technical Specifications Below are the absolute maximum ratings and electrical characteristics: | Parameter | Symbol | Value | | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 40 V | | Collector-Emitter Voltage | $V_{CEO}$ | 20 V | | Emitter-Base Voltage | $V_{EBO}$ | 7 V | | Collector Current (DC) | $I_C$ | 5 A | | Collector Current (Pulse) | $I_{CP}$ | 8 A | | Power Dissipation | $P_D$ | 750 mW | | DC Current Gain | $h_{FE}$ | 230 – 450 (R Rank) | | Transition Frequency | $f_T$ | 150 MHz | --- ### 3. Features and Benefits * **High Current Handling:** Unlike standard TO-92 transistors (which usually handle 500mA to 1A), this part can handle up to **5A DC**, which is exceptional for its size. * **Low Saturation Voltage:** $V_{CE(sat)}$ is typically around 0.35V at 3A, meaning it wastes very little power as heat when fully turned on. * **High Gain:** The "R" rank ensures a high current amplification factor, allowing it to be driven by low-power microcontrollers or sensors. --- ### 4. Common Applications Due to its high pulse current capability, it is frequently used in: 1. **Camera Flash Units:** Charging capacitors rapidly. 2. **DC-DC Converters:** Serving as a switching element in portable electronics. 3. **Motor Drivers:** Controlling small DC motors in toys. 4. **LED Drivers:** Powering high-brightness LED arrays. --- ### 5. Pin Configuration (TO-92) Looking at the flat side with leads pointing down: 1. **Emitter** (Left) 2. **Collector** (Middle) 3. **Base** (Right)
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the 2SD965?
    • ⤷ How does the 'R' gain rank compare to the 'Q' or 'S' ranks?
    • ⤷ What are the thermal considerations when running this transistor at 5A?