データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2SK2000-R

  • AI
    ## Overview of the 2SK2000-R The **2SK2000-R** is an N-channel Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) primarily designed for high-speed switching applications. It is commonly utilized in power supplies, DC-DC converters, and motor drivers. --- ### Technical Specifications Below are the key electrical characteristics of the 2SK2000-R: | Parameter | Symbol | Typical Value / Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 200V | | **Gate-Source Voltage** | $V_{GSS}$ | ±30V | | **Drain Current (Continuous)** | $I_D$ | 2.0A | | **Drain Current (Pulse)** | $I_{DP}$ | 8.0A | | **Power Dissipation** | $P_D$ | 20W (at $T_C = 25^\circ C$) | | **On-State Resistance** | $R_{DS(on)}$ | ~1.2Ω to 1.5Ω | | **Channel Temperature** | $T_{ch}$ | 150°C | --- ### Key Features 1. **Low On-Resistance:** Reduces power loss during the conduction phase. 2. **High-Speed Switching:** Optimized for applications requiring fast transitions between ON and OFF states. 3. **Low Gate Charge:** Requires minimal energy from the driver circuit to switch the gate. 4. **High Input Impedance:** Makes it easier to drive directly from integrated circuits. 5. **Package Type:** Usually found in a **TO-220** or **TO-220FL** (Full Mold) package, which allows for efficient heat dissipation. --- ### Pin Configuration The device typically follows the standard MOSFET pinout for TO-220 packages: * **Pin 1 (Gate):** Controls the flow of current between Drain and Source. * **Pin 2 (Drain):** Connected to the load. * **Pin 3 (Source):** Connected to the ground or negative terminal. --- ### Typical Applications * **Switching Regulators:** Used in SMPS (Switched-Mode Power Supplies) to regulate voltage. * **DC-DC Converters:** Efficiently stepping voltages up or down in battery-powered devices. * **Relay Drivers:** Handling the current needed to toggle mechanical relays. * **General Purpose Amplifiers:** In specific high-voltage audio or signal circuits. --- ### Usage Precautions * **Static Electricity:** As a MOSFET, the 2SK2000-R is sensitive to Electrostatic Discharge (ESD). Handle with proper grounding. * **Heat Sinking:** While it can handle up to 20W, a heatsink is mandatory if the device is expected to operate near its maximum current ratings for extended periods. * **Gate Voltage:** Ensure the gate voltage does not exceed the ±30V limit to prevent permanent oxide breakdown.
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or substitutes for the 2SK2000-R?
    • ⤷ Can you provide a basic circuit diagram for using the 2SK2000-R as a switch?
    • ⤷ How does the 'R' suffix impact the specifications compared to the standard 2SK2000?