データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2SP-2D-R2/

  • AI
    The **2SP-2D-R2** (or commonly referred to as the 2SP0115T2A0-12 or similar variations) is a high-performance, dual-channel gate driver core specifically designed for **IGBT modules**. It belongs to the SCALE™-2 family by Power Integrations (formerly CONCEPT). --- ## 1. Core Specifications The 2SP-2D-R2 is an industrial-grade driver designed for high reliability and compact integration. | Feature | Specification | | :--- | :--- | | **Channels** | 2 (Dual Channel) | | **Output Power** | 1.2W per channel | | **Peak Gate Current** | ±15A | | **Max. Switching Frequency** | Up to 45 kHz | | **Isolation Voltage** | 4000V AC (Primary to Secondary) | | **Operating Voltage** | 15V (Typical) | --- ## 2. Key Electronic Components & Technologies The device utilizes several proprietary technologies to ensure the safety of high-power semiconductors. ### A. SCALE™-2 Chipset Unlike traditional drivers using discrete components, this uses a highly integrated ASIC chipset. This reduces the component count by up to 80%, significantly increasing the **Mean Time Between Failures (MTBF)**. ### B. DC/DC Converter It includes an integrated isolated DC/DC converter. This provides the necessary gate-driving voltage without requiring an external isolated power supply for each high-side switch. ### C. Protection Mechanisms * **VCE Monitoring:** Detects desaturation (short circuits) and triggers a safe shut-off. * **Under-Voltage Lockout (UVLO):** Prevents the IGBT from turning on if the gate voltage is too low to ensure full saturation. * **Soft Shut-down:** In the event of a fault, it turns the IGBT off slowly to prevent over-voltage spikes (L*di/dt). --- ## 3. Pin Configuration Overview The interface is split into a Primary side (control) and Secondary side (power). | Pin Type | Function | Description | | :--- | :--- | :--- | | **VCC** | Supply Voltage | Main 15V supply for the driver logic. | | **InA / InB** | Signal Inputs | PWM signals to control Channel A and B. | | **SO1 / SO2** | Status Outputs | Feedback signals indicating if a fault has occurred. | | **Gate / Emitter** | Power Outputs | Direct connection to the IGBT Gate and Emitter terminals. | --- ## 4. Typical Application Circuit The following represents a simplified logic flow for the driver: ```mermaid graph LR MCU[Microcontroller PWM] -->|5V/15V Logic| Driver[2SP-2D-R2 Core] Driver -->|Isolated Pulse| IGBT_High[IGBT High Side] Driver -->|Isolated Pulse| IGBT_Low[IGBT Low Side] IGBT_High -.->|Vce Feedback| Driver ``` --- ## 5. Main Advantages 1. **Compact Footprint:** High power density allows for smaller inverter designs. 2. **Plug-and-Play:** Many versions are designed to be soldered directly onto a transition board that fits specific IGBT modules (like EconoPACK™). 3. **Low Delay:** Very short propagation delays (typically <100ns) allow for precise dead-time control. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific IGBT modules compatible with the 2SP-2D-R2 series?
    • ⤷ How do you calculate the gate resistor values for this driver?
    • ⤷ What is the difference between the 2SP0115T and the 2SP0320 series?