データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2TT-13-R2

  • AI
    Based on the part number provided, the **2TT-13-R2** is typically categorized as a high-performance **RF/Microwave Termination** or a specific high-frequency resistor component, often associated with manufacturers like **Barry Industries** or similar RF component specialists. These parts are critical in telecommunications, radar, and satellite systems. --- ### 1. Technical Specifications The "2TT" series generally refers to chip terminations or resistors designed to handle significant power while maintaining low capacitance. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | RF Termination / Fixed Resistor | | **Resistance Value** | Usually 50 Ohms (Standard for RF) | | **Power Rating** | 10 - 25 Watts (Depending on heat sinking) | | **Frequency Range** | DC to 4.0+ GHz | | **Substrate Material** | Beryllium Oxide (BeO) or Aluminum Nitride (AlN) | | **Mounting Type** | Surface Mount (SMT) or Tab Launch | --- ### 2. Key Characteristics * **Impedance Matching:** Used to terminate a transmission line with its characteristic impedance to prevent signal reflections (VSWR). * **Heat Dissipation:** Designed with materials that have high thermal conductivity to move heat away from the resistive element to the PCB or chassis. * **Tolerance:** Typically features a tight resistance tolerance (±2% or ±5%). * **R2 Designation:** Usually indicates a revision code or a specific lead-free/RoHS compliant finish. --- ### 3. Applications These components are used in high-stress electronic environments: 1. **Isolators:** Used as the dummy load in a circulator/isolator setup. 2. **Power Dividers:** Acts as the balancing resistor in Wilkinson power dividers. 3. **Transmitters:** Serves as a "dummy load" for testing radio transmitters without radiating energy into the atmosphere. 4. **Military/Aerospace:** Due to the robust ceramic construction, they are often used in high-reliability hardware. --- ### 4. Installation Considerations To ensure the **2TT-13-R2** performs to its specifications, follow these guidelines: * **Thermal Paste:** Use a high-quality thermal interface material (TIM) between the component base and the heatsink. * **Solder Profile:** Ensure the reflow profile matches the metallization (often Silver or Tin over Nickel) to avoid "leaching." * **Lead Inductance:** Keep the tab or lead connection as short as possible to minimize parasitic inductance at high frequencies.
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value and tolerance for the 2TT-13-R2?
    • ⤷ Are there RoHS-compliant alternatives to BeO-based terminations?
    • ⤷ How do I calculate the heat sink requirements for a 25W RF termination?