データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2TT-45-R

  • AI
    The **2TT-45-R** is a specific electronic component typically identified as a **Miniature Audio Transformer** or an **Impedance Matching Transformer**. These are commonly used in telecommunications, audio signal processing, and isolation circuits. --- ### 1. Key Technical Specifications While specifications can vary slightly by manufacturer (such as Triad Magnetics or Tamura), the "2TT" series generally follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Audio / Signal Transformer | | **Impedance (Primary)** | 600 $\Omega$ (Common for telecom/line level) | | **Impedance (Secondary)** | 600 $\Omega$ (Typical 1:1 ratio) | | **Frequency Response** | 300 Hz to 100 kHz (Optimized for voice/data) | | **Insertion Loss** | < 1.5 dB | | **Dielectric Strength** | 500V to 1000V AC | | **Mounting Type** | Through-hole (PCB Mount) | --- ### 2. Functional Description The 2TT-45-R serves three primary functions in an electronic circuit: 1. **Impedance Matching:** It ensures maximum power transfer between a source and a load by matching the output impedance of one stage to the input impedance of the next. 2. **Galvanic Isolation:** It physically separates the input and output circuits using magnetic induction. This protects sensitive components from DC offsets or ground loops. 3. **Signal Coupling:** It allows AC signals (audio or data) to pass through while blocking DC currents. --- ### 3. Physical Construction The part is characterized by its compact, "miniature" footprint, designed for high-density PCB layouts. * **Core Material:** Usually high-permeability nickel-iron (Permalloy) or laminated steel to minimize distortion. * **Winding:** Precision copper wire windings. * **Termination:** Red-tinned leads (indicated by the **-R** suffix, often denoting RoHS compliance/Lead-Free). --- ### 4. Common Applications * **Modems and Fax Machines:** For line isolation and signal conditioning. * **Audio Interfaces:** To eliminate "hum" or "buzz" caused by ground loops in professional audio equipment. * **Telephony:** Matching 600-ohm telephone lines to internal circuitry. * **Data Transmission:** Coupling digital signals in low-speed communication lines. --- ### 5. Schematic Symbol In a circuit diagram, it is represented by two coils separated by lines (indicating the core): ```text Primary Secondary (Input) (Output) ____ ____ +| |+ +| |+ ) ( ) ( ) ( || Core || ) ( ) ( ) ( -|____|- -|____|- ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 600 ohm impedance in audio transformers?
    • ⤷ How does the 'RoHS' -R suffix affect the manufacturing and usage of this part?
    • ⤷ Can this transformer be used for power conversion or is it strictly for signals?