データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2TT-N6-R

  • AI
    The **2TT-N6-R** is a specific electronic component primarily used in specialized electrical systems and signal processing. While often associated with specific manufacturers of industrial connectors or thermal protectors, it most commonly refers to a **Thermal Cut-Off (TCO)** or a specialized **Bimetallic Switch**. Below is a detailed breakdown of the technical specifications and characteristics associated with this part. --- ### 1. General Specifications The 2TT series typically defines a line of compact thermal protection devices. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Thermal Protector / Bimetallic Switch | | **Reset Type** | Automatic | | **Contact Type** | Normally Closed (NC) | | **Voltage Rating** | 125V AC / 250V AC | | **Current Rating** | 3A to 6A (depending on load type) | | **Lead Wire Material** | Nickel (N6) or Tinned Copper | | **RoHS Compliant** | Yes (indicated by the -R suffix) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the exact physical properties of the device: * **2TT**: The series designation, usually indicating a miniature bimetallic thermostat with a specific housing shape. * **N6**: This refers to the **Lead Wire material**. "N6" typically stands for **Pure Nickel wires**. Nickel is used for its high-temperature resistance and excellent welding properties in battery pack assemblies. * **-R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards, meaning it is lead-free. --- ### 3. Internal Mechanism The device operates on a simple but effective mechanical principle: 1. **Bimetal Disc**: Inside the casing is a disc made of two different metals bonded together. 2. **Thermal Expansion**: As the temperature rises, the two metals expand at different rates, causing the disc to "snap" or curve. 3. **Circuit Interruption**: When the calibrated temperature limit is reached, the snap action opens the contacts, cutting off power to the circuit. 4. **Automatic Reset**: Once the temperature drops below a certain threshold, the disc snaps back, re-closing the circuit. --- ### 4. Common Applications Due to the **N6 (Nickel)** leads, this part is frequently found in high-reliability environments: * **Battery Packs**: Protecting Lithium-ion or NiMH cells from overheating during charge/discharge cycles. * **Small Motors**: Preventing windings from burning out if the motor stalls. * **Transformers**: Integrated into the coils to prevent fire hazards from overloads. * **Lighting Fixtures**: Overheat protection for ballasts or high-intensity lamps. --- ### 5. Installation Note When working with the 2TT-N6-R, it is important to note that because the leads are **Nickel (N6)**, they are ideal for **spot welding** (common in battery tabs) but can be more difficult to solder than standard tinned copper without the use of specific flux. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific trip temperature rating for your version of the 2TT-N6-R?
    • ⤷ Do you need a comparison between N6 nickel leads and standard tinned copper leads?
    • ⤷ Are you looking for a wiring diagram for integrating this into a battery protection circuit?