データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2UDS-16D-R

  • AI
    The **2UDS-16D-R** is a high-density, rackmount power distribution and connectivity component, typically associated with professional audio, video, and server equipment. It is designed to fit into a standard **2U** (Units) space in a 19-inch equipment rack. Below is a breakdown of its electronic and mechanical specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | 2U Rackmount (Standard 19") | | **Port Density** | 16-Port D-Series Openings | | **Mounting Type** | Rear-mount / Front-mount compatible | | **Material** | Heavy-duty Cold Rolled Steel or Aluminum | | **Finish** | Black Powder Coat (Standard) | --- ### 2. Component Analysis #### A. The "D-Series" Cutouts The "16D" in the model name refers to **16 holes** designed for **D-Series connectors**. These are the industry standard for modular connectivity. You can populate these holes with: * **XLR Connectors:** For balanced audio signals. * **RJ45 (Ethercon):** For networking and digital snake systems. * **HDMI / USB:** For multimedia data transfer. * **BNC:** For SDI video or word clock synchronization. #### B. The "2U" Chassis A 2U height (3.5 inches) allows for a double-row configuration. This provides enough vertical space for larger labels or strain relief bars at the back to ensure the internal wiring does not disconnect under tension. #### C. Grounding and Shielding As an electronic housing, the 2UDS-16D-R usually features: * **Integrated Grounding Lug:** To prevent ground loops and provide a path for static discharge. * **EMI Shielding:** The metal construction helps minimize electromagnetic interference between the internal cables and external environment. --- ### 3. Applications 1. **Broadcast Studios:** Routing multiple camera feeds (BNC) or microphones (XLR). 2. **Data Centers:** High-density patch panels for fiber or copper networking. 3. **Live Sound:** Serving as the "Stage Box" interface for digital mixing consoles. --- ### 4. Wiring Diagram Example (Internal) When populating the panel, the internal wiring usually follows this logic: ```yaml Input: [Front Panel Connector] | Internal: [Soldered Lead or Jumper Cable] | Output: [Internal Equipment or Rear Pass-through] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions for D-series connector mounting holes?
    • ⤷ Can this panel be used for high-voltage power distribution?
    • ⤷ Which brands manufacture the most reliable D-series inserts for this panel?